Electronic Components Datasheet Search
  English  ▼

X  

ADM206ARS Datasheet(PDF) 15 Page - Analog Devices

Part # ADM206ARS
Description  0.1 μF, 5 V Powered CMOS RS-232 Drivers/Receivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM206ARS Datasheet(HTML) 15 Page - Analog Devices

Back Button ADM206ARS Datasheet HTML 8Page - Analog Devices ADM206ARS Datasheet HTML 9Page - Analog Devices ADM206ARS Datasheet HTML 10Page - Analog Devices ADM206ARS Datasheet HTML 11Page - Analog Devices ADM206ARS Datasheet HTML 12Page - Analog Devices ADM206ARS Datasheet HTML 13Page - Analog Devices ADM206ARS Datasheet HTML 14Page - Analog Devices ADM206ARS Datasheet HTML 15Page - Analog Devices ADM206ARS Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
ADM206/ADM207/ADM208/ADM211/ADM213
Rev. D | Page 15 of 16
0.25
0.09
0.95
0.75
0.55
8°
4°
0°
0.05 MIN
1.85
1.75
1.65
2.00 MAX
0.38
0.22
SEATING
PLANE
0.65
BSC
COPLANARITY
0.10
28
15
14
1
10.50
10.20
9.90
5.60
5.30
5.00
8.20
7.80
7.40
PIN 1
COMPLIANT TO JEDEC STANDARDS MO-150AH
Figure 27. 28-Lead Shrink Small Outline Package [SSOP]
(RS-28)
Dimensions shown in millimeters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com