Electronic Components Datasheet Search
  English  ▼

X  

2139380010 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 2139380010
Description  Square "Din" Style Die Sets for 6mm Coeur CST Receptacle Terminals, 10 AWG
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

2139380010 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  2139380010 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 08/25/2022
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
2139380010
Status:
Active
Overview:
Application Tooling
Description:
Square "Din" Style Die Sets for 6mm Coeur CST Receptacle Terminals, 10 AWG
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Application Tooling
Series
207125
Comments
See Tooling Specification (PDF) Above
Function
Crimp
Geographic Area
Global
Level of Automation
Manual
More Detailed Tech Information
applicationtooling@molex.com
Overview
Application Tooling
Product Name
Coeur CST
Taxonomy
Applicators and Crimp Modules
Tool Type
Crimp Module
UPC
193264466504
Warranty Disclaimer
CAUTION: Molex tooling crimp specifications are
valid only when used with Molex terminals and tooling
manufactured by Molex and sold by Molex or authorized
distributors ("Molex Tooling"). When using tooling
other than Molex Tooling with Molex specific connector
systems listed in our ATS documents, the Molex tooling
qualification does not apply and the responsibility for
full qualification of the connector system is that of the
customer. Molex accepts no liability for connector
performance or tooling support where tooling other
than Molex Tooling is used or where Molex Tooling is
modified.
Physical
Net Weight
115.650/g
Material Info
Reference - Drawing Numbers
Application Tooling Documents
2139380010-000
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
For more information, please visit Contact US
China ROHS
Not Reviewed
ELV
Not Reviewed
RoHS Phthalates
Not Reviewed
Search Parts in this Series
207125 Series
Use With
UP60 Air Crimp Press 638018900 with
Crimp Adapter 638018901 , 12-ton Battery
Powered Crimping Tool (115V) 638161000
with Power Crimp Head 638161100 , Battery
Powered Crimping Tool (230V) 638161050
with Power Crimp Head 638161100
Application Tooling
| FAQ
Description
Product #
PowerWize 6.00mm
Silver Plated Copper
Alloy Crimp Socket,
10 AWG, Tray
Packed
2046082006
This document was generated on 08/25/2022
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 2139380010

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2139380020 MOLEX-2139380020 Datasheet
35Kb / 1P
Square "Din" Style Die Sets for 6mm Coeur CST Receptacle Terminals, 8 AWG
08/25/2022
2139380030 MOLEX-2139380030 Datasheet
36Kb / 1P
Square "Din" Style Die Sets for 6mm Coeur CST Receptacle Terminals, 6 AWG
08/25/2022
2139380040 MOLEX-2139380040 Datasheet
35Kb / 1P
Square "Din" Style Die Sets for 6mm Coeur CST Receptacle Terminals, 4 AWG
08/25/2022
2139380050 MOLEX-2139380050 Datasheet
36Kb / 1P
Square "Din" Style Die Sets for 6mm Coeur CST Receptacle Terminals, 2 AWG
08/25/2022
More results

Similar Description - 2139380010

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
64008-0170 MOLEX11-64008-0170 Datasheet
54Kb / 1P
Square DIN style die sets used with Metric 6mm (10 AWG) compression lug.
0638274070 MOLEX11-0638274070 Datasheet
36Kb / 1P
Square Din Style Die Sets for Guardian Power Terminals for 6 AWG UL 1028
0640080170 MOLEX11-0640080170 Datasheet
54Kb / 1P
Square DIN style die sets used with Metric 6mm (10 AWG) compression lug
0192890600 MOLEX-0192890600 Datasheet
35Kb / 1P
Square Din Style Die Sets for Imperium Max6 Pin Terminals, 2 AWG
08/26/2022
0192890800 MOLEX-0192890800 Datasheet
35Kb / 1P
DIN-Style Die Set for Coeur CST High-Current Female Crimp Terminal, 1/0 AWG
08/26/2022
0192890900 MOLEX-0192890900 Datasheet
35Kb / 1P
Square Din Style Die Sets for Imperium Plus Terminals, 2/0 AWG and 70.00mm² Wire
08/26/2022
2139380020 MOLEX-2139380020 Datasheet
35Kb / 1P
Square "Din" Style Die Sets for 6mm Coeur CST Receptacle Terminals, 8 AWG
08/25/2022
2139380030 MOLEX-2139380030 Datasheet
36Kb / 1P
Square "Din" Style Die Sets for 6mm Coeur CST Receptacle Terminals, 6 AWG
08/25/2022
2139380040 MOLEX-2139380040 Datasheet
35Kb / 1P
Square "Din" Style Die Sets for 6mm Coeur CST Receptacle Terminals, 4 AWG
08/25/2022
2139380050 MOLEX-2139380050 Datasheet
36Kb / 1P
Square "Din" Style Die Sets for 6mm Coeur CST Receptacle Terminals, 2 AWG
08/25/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com