Electronic Components Datasheet Search
  English  ▼

X  

B7837 Datasheet(PDF) 2 Page - EPCOS

Part # B7837
Description  Low-Loss Filter for Mobile Communication
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7837 Datasheet(HTML) 2 Page - EPCOS

  B7837 Datasheet HTML 1Page - EPCOS B7837 Datasheet HTML 2Page - EPCOS B7837 Datasheet HTML 3Page - EPCOS B7837 Datasheet HTML 4Page - EPCOS B7837 Datasheet HTML 5Page - EPCOS B7837 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Mar 31 2004
SAW Components
B7837
942,5 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Chip Size SAW package QCS5E
2
4
5
3
0,075
2,0
bottom view
side view
top view
0.735
0,38
Features
q
Low-loss RF filter for mobile telephone
EGSM system, receive path
q
Very low insertion attenuation
q
Low amplitude ripple
q
Usable passband 35 MHz
q
Unbalanced to balanced operation
q
Impedance transformation from 50
Ω to 150 Ω
q
Suitable for GPRS class 1 to 12
q
Package for Surface Mounted Technology
(SMT)
q
Pb-free
Terminals
q
Ni, gold-plated
Dimensions in mm, approx. weight 0,007g
Pin configuration
1
Input, unbalanced
3, 4
Output, balanced
2, 5
Case ground
Electrostatic Sensitive Device (ESD)
* - acc. to JESD22-A115A (Machine Model), 10 negative & 10 positive pulses
Type
Ordering code
Marking and Package
according to
Packing
according to
B7837
B39941-B7837-K410
C61157-A7-A131
F61074-V8151-Z000
Maximum ratings
Operable temperature range
T
– 30 / + 85
˚C
Storage temperature range
Tstg
– 40 / + 85
˚C
DC voltage
VDC
5V
ESD voltage
VESD
100*
V
machine model, 10 pulses
Input Power at
GSM850, GSM900
GSM1800, GSM1900
Tx bands
PIN
15
dBm
peak power of GSM signal,
duty cycle 4:8



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com