Electronic Components Datasheet Search
  English  ▼

X  

RMKMS408 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RMKMS408
Description  Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RMKMS408 Datasheet(HTML) 2 Page - Vishay Siliconix

  RMKMS408 Datasheet HTML 1Page - Vishay Siliconix RMKMS408 Datasheet HTML 2Page - Vishay Siliconix RMKMS408 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RMKMS
Vishay Sfernice
Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 60004
22
Revision: 21-Aug-06
DIMENSIONS AND IMPRINTING in inches and millimeters
DERATING CURVE
MECHANICAL SPECIFICATIONS
Mechanical Protection
Epoxy Molded Assembly
Terminal Leads
100 % Tin
Resistive Element
Passivated Nichrome
Unit Weight: Case S08
0.070 g
Cases S014, S016
0.146 g
Imprinting:
VISHAY logo, series, ohmic value,
tolerance, manufacturing date
C
D
AB
F
E
G
H
I
J
K
INCHES
MILLIMETERS
A
0.05
Pitch 1.27
B
0.025
0.63 Max.
C (S08)
0.232/0.244
5.9/6.2
C (S14)
0.232/0.244
5.9/6.2
C (S16)
0.248/0.260
6.3/6.6
D (S08)
0.187/0.195
4.75/4.95
D (S14)
0.337/0.344
8.55/8.75
D (S16)
0.386/0.394
9.8/10
E
0.014/0.018
0.35/0.45
F (S08)
0.154/0.157
3.9/4
F (S14)
0.154/0.157
3.9/4
F (S16)
0.154/0.157
3.9/4
G
0.007/0.010
0.185/0.265
H, J
0.015
0.40
I
0.004/0.007
0.1/0.2
K
0.070 Max.
1.75 Max.
0.5
0.4
0.25
0.1
0
0
20 40
70
90
110 125
Temperature
°C
Cases SO14 and SO16
Case SO8
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: RMKMS40810KFDT (preferred part number format)
GLOBAL MODEL
VALUE
ABS. TOLERANCE
RATIO TOLERANCE
PACKAGING
RMKMS408
RMKMS508
RMKMS816
RMKMS714
RMKMS914
Decimal:
R or K
B = 0.1 %
D = 0.5 %
F = 1.0 %
B = 0.1 %
W = 0.05 %
P = 0.02 %
L = 0.01 %
T = TAPE
Historical Part Number example: RMKMS 408 10K 1 % abs 0.5 % ratio T (will continue to be accepted)
RMKMS 408
10K
1 % abs 0.5 % ratio
T
HISTORICAL MODEL
VALUE
ABS. TOLERANCE AND
RATIO TOLERANCE
PACKAGING
M
S
40
81
0
K
F
K
DT
M
R



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com