Electronic Components Datasheet Search
  English  ▼

X  

TP337A Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # TP337A
Description  Thermopile Infrared Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TP337A Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  TP337A Datasheet HTML 1Page - List of Unclassifed Manufacturers TP337A Datasheet HTML 2Page - List of Unclassifed Manufacturers TP337A Datasheet HTML 3Page - List of Unclassifed Manufacturers TP337A Datasheet HTML 4Page - List of Unclassifed Manufacturers TP337A Datasheet HTML 5Page - List of Unclassifed Manufacturers TP337A Datasheet HTML 6Page - List of Unclassifed Manufacturers TP337A Datasheet HTML 7Page - List of Unclassifed Manufacturers TP337A Datasheet HTML 8Page - List of Unclassifed Manufacturers TP337A Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Thermopile Infrared Sensor
TP337



 Pin assignment & description
2
thermistor pin
4
thermistor pin (GND)
1
thermopile output pin (+)
3
thermopile output pin (-)



 Order information : TP337



 :
A
:
Standard filter (5-14
m), window size=2.57mm (diameter).
B
:
Silicon filter with flat band transmission, window size=2.57mm (diameter).
E
:
Standard filter (5-14
m), window size=3.80mm (diameter).
F
:
Silicon filter with flat band transmission, window size=3.80mm (diameter).
2(R)
3(V-)
1(V+) 4(GND)
BACKSIDE VIEW
Thermistor
Thermopile
SIDE VIEW



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com