Electronic Components Datasheet Search
  English  ▼

X  

TP337E Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TP337E
Description  Thermopile Infrared Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TP337E Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TP337E Datasheet HTML 1Page - List of Unclassifed Manufacturers TP337E Datasheet HTML 2Page - List of Unclassifed Manufacturers TP337E Datasheet HTML 3Page - List of Unclassifed Manufacturers TP337E Datasheet HTML 4Page - List of Unclassifed Manufacturers TP337E Datasheet HTML 5Page - List of Unclassifed Manufacturers TP337E Datasheet HTML 6Page - List of Unclassifed Manufacturers TP337E Datasheet HTML 7Page - List of Unclassifed Manufacturers TP337E Datasheet HTML 8Page - List of Unclassifed Manufacturers TP337E Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Thermopile Infrared Sensor
TP337



 Features
The thermopile sensor consists of a series of 116 thermoelements, forming a sensitive region
size of 545
m (diameter). The sensor is hermetically sealed into a TO-5 metal housing, with an
optical filter. This standard filter allows measurements to be made in the spectral range above 5

m wavelength. The thermosensor exhibits an almost white noise, comparable to an ohmic
resistance. It has a constant signal versus frequency up to its frequency limit, and is directly
proportional to incident radiation.
The thermopile sensors are featured with an additional
temperature reference resistor on the same chip. The standard version of temperature reference
resistor is housing connected to ground.



 Applications
* Ear thermometers; clinic thermometers
* Infrared thermometers
* Consumer applications: hair dryer, micro-wave oven, air conditioner, refrigerator
* Continuous temperature control of manufacturing
* Security system
* Radiation monitor switch system
* Absorbing measurement for gas analysis
* Thermoelectric converter
* Heat flux flowmeter


Similar Part No. - TP337E

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
TP330 FENGJUI-TP330 Datasheet
257Kb / 5P
SMD POWER INDUCTOR-RoHS
TP330B FENGJUI-TP330B Datasheet
257Kb / 5P
SMD POWER INDUCTOR-RoHS
TP331 FENGJUI-TP331 Datasheet
257Kb / 5P
SMD POWER INDUCTOR-RoHS
TP331B FENGJUI-TP331B Datasheet
257Kb / 5P
SMD POWER INDUCTOR-RoHS
logo
Roithner LaserTechnik G...
TP339 ROITHNER-TP339 Datasheet
214Kb / 7P
Thermopile Infrared Sensor
More results

Similar Description - TP337E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS-1AMB ETC-TS-1AMB Datasheet
144Kb / 6P
THERMOPILE INFRARED SENSOR
15TP551T ETC1-15TP551T Datasheet
784Kb / 44P
THERMOPILE TYPE INFRARED SENSOR
OTC-239 ETC2-OTC-239 Datasheet
186Kb / 7P
THERMOPILE INFRARED SENSOR
OTC-238 ETC2-OTC-238 Datasheet
155Kb / 6P
THERMOPILE INFRARED SENSOR
OTC-236 ETC2-OTC-236 Datasheet
212Kb / 7P
THERMOPILE INFRARED SENSOR
TP297A ETC2-TP297A Datasheet
239Kb / 8P
THERMOPILE INFRARED SENSOR
logo
Texas Instruments
TMP006 TI1-TMP006 Datasheet
262Kb / 17P
Infrared Thermopile Sensor in Chip-Scale Package
MAY2011
TMP006 TI1-TMP006_17 Datasheet
1Mb / 38P
Infrared Thermopile Sensor in Chip-Scale Package
logo
Roithner LaserTechnik G...
TP339 ROITHNER-TP339 Datasheet
214Kb / 7P
Thermopile Infrared Sensor
logo
Amphenol Corporation
ZTP-148SRC1 AMPHENOL-ZTP-148SRC1 Datasheet
311Kb / 4P
Thermopile Infrared (IR) Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com