Electronic Components Datasheet Search
  English  ▼

X  

IRM-03 Datasheet(PDF) 4 Page - DIWELL Electronics Co., Ltd.

Part # IRM-03
Description  3W Output Switching Power Supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

IRM-03 Datasheet(HTML) 4 Page - DIWELL Electronics Co., Ltd.

  IRM-03 Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. IRM-03 Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. IRM-03 Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. IRM-03 Datasheet HTML 4Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DANUBE
DANUBE
Http://www.danube.com.tw
Http://www.danube.com.tw
File Name:IRM-03 2016-07-14
IRM-03 series
3W Output Switching Power Supply
•SMD style
Mechanical Specification
Mechanical Specification
Case No.IRM03 Unit:mm[inch]
•PCB mounting style
Recommended PCB layout (for SMD sype)
Tolerance: 0.5[ 0.02]
±±
unless otherwise specified
1
26
12
BOTTOM
VIEW
24[0.94]
28.9[1.14]
0.5
[0.02 0.004]
±0.1
±
1.0[0.04]
15.6[0.61]
16[0.63]
24
14
15
16
22
11
10
3
5
0.25
[0.01
]
±0.1
±0.004
1.5[0.059]
2.54mm
2.03[0.08]
1.5[0.06]
2.54[0.1]
TOP VIEW
1
3
5
13
12
11
10
22
24
26
15
16
17
14
P/N diameter:0.6±0.1
±
[0.024 0.004]
3.5±1mm
BOTTOM
VIEW
AC/L AC/N
NC
-V
+V
3.26[0.13]
5.08[0.2]
25.4[1]
37[1.46]
Pin NO.
Assignment
1
3
AC/L
AC/N
14
-Vo
16
+Vo
others
NC
15[0.59]
5.08[0.2]
3.26[0.13]
13
17



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com