Electronic Components Datasheet Search
  English  ▼

X  

IRM-15 Datasheet(PDF) 3 Page - DIWELL Electronics Co., Ltd.

Part # IRM-15
Description  15W Output Switching IRM-15 series Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

IRM-15 Datasheet(HTML) 3 Page - DIWELL Electronics Co., Ltd.

  IRM-15 Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. IRM-15 Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. IRM-15 Datasheet HTML 3Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Additional Information :
한국 대리점 : ㈜디웰전자 (Diwell Electronics Co., Ltd.)
경기도 군포시 당정동 358 군포창업보육센터 202호
202, Kunpo Business Incubator Center, 358,
Dangjung-Dong, Gunpo-City, Gyeonggi-Do, South Korea
Phone : 070-8235-0820 (+82-70-8235-0820)
Fax
: 031-429-0821 (+82-31-429-0821)
기술 및 구매 문의 email : expoeb2@diwell.com,
dsjeong@diwell.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com