Electronic Components Datasheet Search
  English  ▼

X  

KAW Datasheet(PDF) 6 Page - DIWELL Electronics Co., Ltd.

Part # KAW
Description  30W WIDE INPUT RANGE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

KAW Datasheet(HTML) 6 Page - DIWELL Electronics Co., Ltd.

  KAW Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. KAW Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. KAW Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. KAW Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. KAW Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. KAW Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. KAW Datasheet HTML 7Page - DIWELL Electronics Co., Ltd. KAW Datasheet HTML 8Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DANUBE
http://www.danube.com.tw
2013/06/27
6
FIXED-VALUE TRIM UP RESISTOR
+Vout
-Vin
-Vout
INPUT
DC-DC
CONVERTER
+Vin
LOAD
OUTPUT
TRIM
Trim Up
4
3
6
8
7
Trim Up
8
TRIM
DC-DC
CONVERTER
+Vout
5
+Vin
-Vout
OUTPUT
-Vin
INPUT
3
COMMON
7
LOAD
LOAD
4
6
TRIPLE OUTPUT
FIXED VOLTAGE OUTPUT
+Vout
-Vin
-Aux.out
INPUT
DC-DC
CONVERTER
+Vin
LOAD
OUTPUT
+Aux.out
4
3
5
7
8
COMMON
LOAD
6
LOAD
 TYPICAL PERFORMANCE CURVES
Specifications typical at Ta=25 °C, nominal input voltage , rated output current unless otherwise specified.
OUTPUT LOAD VS EFFICIENCY
TEMPERATURE DERATING
0.0
20.0
40.0
60.0
80.0
0
20
40
60
80
100
% OF RATED LOAD(%)
0%
25%
50%
75%
100%
125%
-40
-20
0
30
70
100
120
TA(degree C)
Recommended Filter for EN55022 Class B Compliance
SAFE
OPERATING
AREA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com