Electronic Components Datasheet Search
  English  ▼

X  

MU-SERIES Datasheet(PDF) 4 Page - DIWELL Electronics Co., Ltd.

Part # MU-SERIES
Description  1W UNREGULATED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

MU-SERIES Datasheet(HTML) 4 Page - DIWELL Electronics Co., Ltd.

  MU-SERIES Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. MU-SERIES Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. MU-SERIES Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. MU-SERIES Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. MU-SERIES Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. MU-SERIES Datasheet HTML 6Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DANUBE
http://www.danube.com.tw
2010/12/01
4
PACKAGE ”B”
PIN
SINGLE
1
-Vin
2
+Vin
3
-Vout
4
+Vout
3.81[0.15]
All dimensions are in mm[inches]
2.54[0.10]
11.7[0.46]
7.5[0.30]
10.1[0.40]
1.2[0.05]
BOTTOM VIEW
1 2
4
3
FRONT
VIEW
NOTE:Pin Size is Tolerance 0.50Φ ±0.05mm
All Dimensions In mm(Inches)
Tolerance .X
or
.XX= ±0.5mm
 RECOMMENDED FOOTPRINT DETAILS
PACKAGE "A"
PACKAGE "B"
2.54mm
TOP VIEW
3 4
2
1
2.54mm
TOP VIEW
3 4
2
1
SIMPLIFIED SCHEMATIC
TYPICAL APPLICATIONS
-Vin
+Vin
+Vout
-Vout
OSCILLATOR
DRIVER
LOAD
INPUT
+Vin
OUTPUT
-Vout
+Vout
-Vin
DC-DC
CONVERTER



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com