Electronic Components Datasheet Search
  English  ▼

X  

TA5A Datasheet(PDF) 2 Page - DIWELL Electronics Co., Ltd.

Part # TA5A
Description  Topstek Current Transducer TA5A4V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

TA5A Datasheet(HTML) 2 Page - DIWELL Electronics Co., Ltd.

  TA5A Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. TA5A Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. TA5A Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. TA5A Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. TA5A Datasheet HTML 5Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Topstek Current Transducer TA5A4V .. TA50A4V
- 7 -
www.topstek.com
TA
V3
10/11/2011
12.5
7.3
4±0.7
0.25
2.4±1
3x2.54
0.5
10±0.3
8.5±0.3
d*
35.5
23
a*
3x2.54
10
8.5
4 holes 1.0
2 holes e*
Model number and date code marking
5A to 25A PCB mounting hole layout
1.5
1.6
TA18.5A4V
TA20A4V
TA15A4V
1.5
1.5
TA10A4V
1.4
1.5
TA12.5A4V
TA7.5A4V
1.3
e*
(mm)
d*
(mm)
1.0
1.3
a*
(mm)
TA5A4V
Part
Number
TA25A4V
Pin Assignment
I-
I+
0V
VOUT
-15V
+15V
1.0
1.2
1.4
1.6
1.4
1.4
1.4
1.6
1.6
1.8
2.0
2.0
2.0
2.0
2.2
TA5A4V
03622
Appearance, dimensions and pin identification for 5A to 25A models
All dimensions in mm ±0.5, holes –0, +0.2 except otherwise noted



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com