Electronic Components Datasheet Search
  English  ▼

X  

BCX38A Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BCX38A
Description  NPN SILICON PLANAR EPITAXIAL DARLINGTON TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BCX38A Datasheet(HTML) 1 Page - Continental Device India Limited

  BCX38A Datasheet HTML 1Page - Continental Device India Limited BCX38A Datasheet HTML 2Page - Continental Device India Limited BCX38A Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN SILICON PLANAR EPITAXIAL DARLINGTON TRANSISTORS
BCX38A
BCX38B
BCX38C
TO-92
Plastic Package
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
UNITS
Collector Emitter Voltage
VCEO
V
Collector Base Voltage
VCBO
V
Emitter Base Voltage
VEBO
V
Peak Pulse Current
ICM
A
Collector Current Continuous
IC
mA
Power Dissipation @ Ta=25ºC
PD
mW
Operating and Storage Junction
Temperature Range
Tj, Tstg
ºC
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
MIN
MAX
UNITS
Collector Emitter Sustaining Voltage
VCEO (sus)
60
V
Collector Base Voltage
VCBO
80
V
Emitter Base Voltage
VEBO
10
V
Collector Cut off Current
ICBO
100
nA
Emitter Cut off Current
IEBO
100
nA
Collector Emitter Saturation Voltage
*VCE(sat)
1.25
V
Base Emitter On Voltage
*VBE(on)
1.80
V
DC Current Gain
*hFE
500
1000
2000
4000
5000
10000
*Pulsed Conditions: Pulse Width = 300
µµs, Duty Cycle <2%
VALUE
80
10
IC=10µA, IE=0
- 55 to +200
TEST CONDITION
IC=10mA, IB=0
2
60
IE=10µA, IC=0
VCB=60V, IE = 0
800
625
VEB=8V, IC = 0
IC=100mA, VCE=5V
IC=800mA, IB=8mA
IC=800mA, VCE=5V
BCX38A
IC=500mA, VCE=5V
IC=100mA, VCE=5V
IC=500mA, VCE=5V
BCX38B
IC=500mA, VCE=5V
BCX38C
IC=100mA, VCE=5V
E B
C
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BCX38A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCX38A ZETEX-BCX38A Datasheet
61Kb / 3P
NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
logo
Diodes Incorporated
BCX38A DIODES-BCX38A Datasheet
95Kb / 5P
45V PNP MEDIUM POWER TRANSISTOR IN SOT23
December 2012 Rev. 6 - 2
BCX38A DIODES-BCX38A_15 Datasheet
96Kb / 3P
NPN SILICON PLANAR MEDIUM
MARCH 1994
More results

Similar Description - BCX38A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCV27 ZETEX-BCV27 Datasheet
49Kb / 1P
NPN SILICON PLANAR DARLINGTON TRANSISTORS
FMMTA12 ZETEX-FMMTA12 Datasheet
46Kb / 1P
NPN SILICON PLANAR DARLINGTON TRANSISTORS
logo
Siemens Semiconductor G...
BD875 SIEMENS-BD875 Datasheet
211Kb / 8P
NPN SILICON PLANAR DARLINGTON TRANSISTORS
logo
List of Unclassifed Man...
2SD1536M ETC-2SD1536M Datasheet
48Kb / 1P
Epitaxial Planar NPN Silicon Darlington Transistors
logo
Rohm
2SB1076M ROHM-2SB1076M Datasheet
42Kb / 1P
Epitaxial Planar PNP Silicon Darlington Transistors
logo
Sanyo Semicon Device
2SB1700 SANYO-2SB1700 Datasheet
35Kb / 4P
PNP/NPN Epitaxial Planar Silicon Darlington Transistors
logo
TRANSYS Electronics Lim...
MPSA13 TEL-MPSA13 Datasheet
86Kb / 2P
NPN EPITAXIAL PLANAR DARLINGTON TRANSISTORS
logo
Continental Device Indi...
MPSA28 CDIL-MPSA28 Datasheet
125Kb / 4P
NPN SILICON PLANAR EPITAXIAL DARLINGTON TRANSISTORS
MPSA13 CDIL-MPSA13 Datasheet
298Kb / 3P
NPN EPITAXIAL PLANAR DARLINGTON TRANSISTORS
logo
New Jersey Semi-Conduct...
MPSA28 NJSEMI-MPSA28 Datasheet
180Kb / 2P
NPN SILICON PLANAR EPITAXIAL DARLINGTON TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com