Electronic Components Datasheet Search
  English  ▼

X  

BF370R Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BF370R
Description  NPN SILICON PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BF370R Datasheet(HTML) 1 Page - Continental Device India Limited

  BF370R Datasheet HTML 1Page - Continental Device India Limited BF370R Datasheet HTML 2Page - Continental Device India Limited BF370R Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN SILICON PLANAR TRANSISTOR
BF370R
TO-92
BEC
Low Level Amplifier Transistor.
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
VALUE
UNIT
Collector -Base Voltage
VCBO
40
V
Collector -Emitter Voltage
VCEO
15
V
Emitter Base Voltage
VEBO
4.5
V
Collector Current (Continuous)
IC
100
mA
Power Dissipation @ Ta=25 deg C
PD
500
mW
Derate Above 25 deg C
4.0
mW/deg C
Operating And Storage Junction
Tj, Tstg
-55 to +150
deg C
Temperature Range
Lead Temperature for Soldering 1/16"
TL
260
deg C
from Body for 10 Seconds.
Thermal Resistance
Junction to Case
Rth (j-c)
83.3
deg C/W
Junction to Ambient
Rth (j-a)
200
deg C/W
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector -Base Voltage
VCBO
IC=100uA, IE=0
40
-
-
V
Collector -Emitter Voltage
VCEO
IC=100uA, IB=0
15
-
-
V
Emitter Base Voltage
VEBO
IE=100uA, IC=0
4.5
-
-
V
Collector Cut off Current
ICBO
VCB=20V, IE=0
-
-
400
nA
Ta=125 deg C
VCB=15V, IE=0
-
-
30
uA
Emitter Cut off Current
IEBO
VEB=2V, IC=0
-
-
100
nA
DC Current Gain
hFE
IC=10mA,VCE=1V
40
-
-
DYNAMIC CHARACTERISTICS
Transistors frequency
ft
IC=10mA,VCE=10V
500
-
-
MHz
IC=40mA,VCE=10V
490
-
MHz
Collector Capacitance
Cc
VCB=10V, IE=0, f=1MHz
pF
Emitter Capacitance
Ce
VEB=1V, IC= Ic=0, f=1MHz
-
-
4.5
pF
Feedback Capacitance
Cre
IC=0, VCE=10V, f=1MHz
pF
Interference Voltage for K=1%
GV
V(int) RMS
mV
Typ 2.2
Typ 1.6
Typ 120
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BF370R

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
BF370R TEL-BF370R Datasheet
83Kb / 2P
NPN SILICON PLANAR TRANSISTOR
More results

Similar Description - BF370R

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
2N3019 SIEMENS-2N3019 Datasheet
135Kb / 5P
NPN SILICON PLANAR TRANSISTOR
BD524 SIEMENS-BD524 Datasheet
40Kb / 2P
NPN SILICON PLANAR TRANSISTOR
logo
Fairchild Semiconductor
FJN13003 FAIRCHILD-FJN13003 Datasheet
49Kb / 5P
NPN Silicon Transistor Planar Silicon Transistor
logo
Continental Device Indi...
2N917 CDIL-2N917 Datasheet
136Kb / 4P
NPN SILICON PLANAR TRANSISTOR
CJD86 CDIL-CJD86 Datasheet
143Kb / 4P
NPN SILICON PLANAR TRANSISTOR
logo
Fairchild Semiconductor
KSC5402D FAIRCHILD-KSC5402D_09 Datasheet
225Kb / 10P
NPN Silicon Transistor, Planar Silicon Transistor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
logo
Continental Device Indi...
2N2270 CDIL-2N2270 Datasheet
230Kb / 4P
NPN SILICON PLANAR TRANSISTOR
2N2102 CDIL-2N2102 Datasheet
233Kb / 4P
NPN SILICON PLANAR TRANSISTOR
logo
Fairchild Semiconductor
KSC5603DTU FAIRCHILD-KSC5603DTU Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com