Electronic Components Datasheet Search
  English  ▼

X  

BZT52C Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BZT52C
Description  SURFACE MOUNT SILICON ZENER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BZT52C Datasheet(HTML) 1 Page - Continental Device India Limited

  BZT52C Datasheet HTML 1Page - Continental Device India Limited BZT52C Datasheet HTML 2Page - Continental Device India Limited BZT52C Datasheet HTML 3Page - Continental Device India Limited BZT52C Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SURFACE MOUNT SILICON ZENER DIODES
SOD-123
PLASTIC PACKAGE
Marking: As Indicated below with Cathode Band
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
Forward Voltage Drop @ IF 10mA
* Mounted on 5.0mm
2 ( 0.13mm thick) land areas
** Measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle=4 pulses per minute
maximum
ELECTRICAL CHARACTERISTICS (Ta=25°C unless specified otherwise)
VF @ 10mA <0.9V
IR @
VR
(
Ω
Ω)
(mA)
(
Ω
Ω)
(mA)
(
µµA)
(V)
max
max
max
max
4.94
78
5.0
500
1.0
5.0
1.0
5.36
60
5.0
480
1.0
0.1
0.8
5.88
40
5.0
400
1.0
0.1
1.0
6.51
10
5.0
200
1.0
0.1
2.0
7.14
8
5.0
150
1.0
0.1
3.0
7.88
7
5.0
50
1.0
0.1
5.0
8.61
7
5.0
50
1.0
0.1
6.0
9.56
10
5.0
50
1.0
0.1
7.0
10.50
15
5.0
70
1.0
0.1
7.5
11.55
20
5.0
70
1.0
0.1
8.5
12.60
20
5.0
90
1.0
0.1
9.0
13.65
25
5.0
110
1.0
0.1
10
15.75
30
5.0
110
1.0
0.1
11
16.80
40
5.0
170
1.0
0.1
12
18.90
50
5.0
170
1.0
0.1
14
21.00
50
5.0
220
1.0
0.1
15
23.10
55
5.0
220
1.0
0.1
17
25.20
80
5.0
220
1.0
0.1
18
28.35
80
5.0
250
1.0
0.1
20
31.50
80
5.0
250
1.0
0.1
22.5
34.65
80
5.0
250
1.0
0.1
25
37.80
90
5.0
250
1.0
0.1
27
40.95
90
5.0
300
1.0
0.1
29
BZT52C4V7_39V Rev180105E
UNIT
VALUE
0.9
410
V
WH
Operating Junction and Storage Temperature
Range
- 55 to +150
WF
WG
ZZK @ IZK
W8
VZ @ IZT
Marking
Code
4.47
Zener Voltage
W9
WA
WB
WC
WD
WE
(V)
ZZT @ IZT
min
SYMBOL
VF
*PD
**IFSM
Power Dissipation @ 25ºC
Peak Forward Surge Current, 8.3ms Single
Half Sine-WaveSuperimposed on Rated Load
Tj
A
Zener Impedance
Reverse Leakage
Current
mW
°C
2.0
BZT52C 4V7
BZT52C 5V1
BZT52C 5V6
Device #
BZT52C 6V2
BZT52C 6V8
BZT52C 7V5
BZT52C 8V2
BZT52C 9V1
BZT52C 10
BZT52C 11
BZT52C 12
BZT52C 13
BZT52C 15
BZT52C 16
BZT52C 18
BZT52C 20
BZT52C 22
BZT52C 24
BZT52C 27
BZT52C 30
BZT52C 33
BZT52C 36
BZT52C 39
4.85
5.32
5.89
6.46
7.13
7.79
8.65
9.50
10.45
11.40
12.35
14.25
15.20
17.10
19.00
20.90
34.20
37.05
WO
WP
WR
22.80
25.65
28.50
31.35
WI
WK
WL
WM
WX
BZT52C 4V7 to 39V
WS
WT
WU
WW
WN
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BZT52C

ManufacturerPart #DatasheetDescription
logo
Daya Electric Group Co....
BZT52C DAYA-BZT52C Datasheet
230Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Shenzhen Luguang Electr...
BZT52C LUGUANG-BZT52C Datasheet
143Kb / 3P
0.5W Zener Diodes
logo
GUANGDONG HOTTECH INDUS...
BZT52C HOTTECH-BZT52C Datasheet
285Kb / 3P
ZENER DIODES
logo
DIYI Electronic Technol...
BZT52C DYELEC-BZT52C Datasheet
539Kb / 4P
Plastic-Encapsulate Zener Diode
logo
SeCoS Halbleitertechnol...
BZT52C SECOS-BZT52C Datasheet
685Kb / 4P
500mW SOD-123 Surface Mount Zener Diodes
More results

Similar Description - BZT52C

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
BZX84B2V4 PANJIT-BZX84B2V4 Datasheet
114Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W_09 Datasheet
143Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
MMBZ5221BW PANJIT-MMBZ5221BW_10 Datasheet
121Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
MMBZ5229AW PANJIT-MMBZ5229AW_09 Datasheet
127Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
MMSZ4687-V PANJIT-MMSZ4687-V_10 Datasheet
77Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
PZ6.2B PANJIT-PZ6.2B Datasheet
90Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
logo
SUNMATE electronic Co.,...
MM5Z2V4 SUNMATE-MM5Z2V4_16 Datasheet
381Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
SZ252H SUNMATE-SZ252H_15 Datasheet
561Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
ZPX3.0 SUNMATE-ZPX3.0 Datasheet
522Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com