Electronic Components Datasheet Search
  English  ▼

X  

CDB1370EF Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CDB1370EF
Description  PNP SILICON EPITAXIAL POWER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CDB1370EF Datasheet(HTML) 1 Page - Continental Device India Limited

  CDB1370EF Datasheet HTML 1Page - Continental Device India Limited CDB1370EF Datasheet HTML 2Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PNP SILICON EPITAXIAL POWER TRANSISTOR
CDB1370EF
(9AW)
TO126
MARKING: CDB
1370
EF
Low Freq. Power Amp.
ABSOLUTE MAXIMUM RATINGS(Ta=25deg C)
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Base Voltage
VCBO
60
V
Collector -Emitter Voltage
VCEO
60
V
Emitter Base Voltage
VEBO
5
V
Collector Current Continuous
IC
2
A
Peak*
4A
Collector Power Dissipation @ Ta=25 deg C
PC
1.5
W
Collector Power Dissipation @ Tc=25 deg C
25
W
Junction Temperature
Tj
150
deg C
Storage Temperature Range
Tstg
-55 to +150
deg C
*Single Pulse Pw=100ms
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Emitter Voltage
VCEO
IC=1mA, IB=0
60
-
-
V
Collector Base Voltage
VCBO
IC=50uA, IE=0
60
-
-
V
Emitter Base Voltage
VEBO
IE=50uA,IC=0
5
-
-
V
Collector Cut off Current
ICBO
VCB=60V, IE=0
-
-
10
uA
ICEO
VCE=60V,IB=0
-
-
1
uA
Emitter Cut off Current
IEBO
VBE=4V,IC=0
-
-
10
uA
Collector Emitter Saturation Voltage
VCE(Sat)** IC=2A,IB=0,.2A
-
-
1.5
V
Base Emitter Saturation Voltage
VBE(Sat)** IC=2A, IB=0.2A
-
-
1.5
V
DC Current Gain
hFE**
IC=0.5A, VCE=5V
100
-
300
Dynamic Characteristics
Transition Frequency
ft
VCE=5V,IC=0.5A,
-
15
-
MHz
f=5MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0
-
80
-
pF
f=1MHz
**Pulse Test
Continental Device India Limited
Data Sheet
Page 1 of 2
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CDB1370EF

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB1500-01 CIRRUS-CDB1500-01 Datasheet
89Kb / 1P
CS1500 90W, High-efficiency PFC Demonstration Board
CDB150X-01 CIRRUS-CDB150X-01 Datasheet
1Mb / 16P
High-efficiency PFC Demonstration Board
CDB1600-120W CIRRUS-CDB1600-120W Datasheet
67Kb / 1P
CS1600 120W, High-efficiency PFC Demonstration Board
CDB1601-120W CIRRUS-CDB1601-120W Datasheet
1Mb / 24P
High-efficiency PFC Demonstration Board
CDB1610-8W CIRRUS-CDB1610-8W Datasheet
2Mb / 21P
8 Watt Demonstration Board
More results

Similar Description - CDB1370EF

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSB1370 CDIL-CSB1370 Datasheet
89Kb / 3P
PNP SILICON EPITAXIAL POWER TRANSISTOR
CFB1370 CDIL-CFB1370 Datasheet
86Kb / 2P
PNP SILICON EPITAXIAL POWER TRANSISTOR
CSA1887 CDIL-CSA1887 Datasheet
125Kb / 3P
PNP SILICON EPITAXIAL POWER TRANSISTOR
logo
Weitron Technology
2SB834 WEITRON-2SB834 Datasheet
199Kb / 3P
PNP Silicon Epitaxial Power Transistor
logo
Thinki Semiconductor Co...
TIP42A THINKISEMI-TIP42A Datasheet
755Kb / 2P
PNP Silicon Epitaxial Power Transistor
2SA940 THINKISEMI-2SA940 Datasheet
530Kb / 3P
PNP Silicon Epitaxial Power Transistor
logo
Continental Device Indi...
MJE350 CDIL-MJE350 Datasheet
210Kb / 3P
PNP EPITAXIAL SILICON POWER TRANSISTOR
CSA1357 CDIL-CSA1357 Datasheet
81Kb / 3P
PNP EPITAXIAL SILICON POWER TRANSISTOR
CSA1156 CDIL-CSA1156 Datasheet
95Kb / 3P
PNP EPITAXIAL SILICON POWER TRANSISTOR
BD240C CDIL-BD240C Datasheet
137Kb / 3P
PNP SILICON EPITAXIAL POWER TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com