Electronic Components Datasheet Search
  English  ▼

X  

CFB1342 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CFB1342
Description  PNP SILICON PLASTIC POWER DARLINGTON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CFB1342 Datasheet(HTML) 1 Page - Continental Device India Limited

  CFB1342 Datasheet HTML 1Page - Continental Device India Limited CFB1342 Datasheet HTML 2Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PNP SILICON PLASTIC POWER DARLINGTON TRANSISTOR
CFB1342
(9AW)
TO-220FP
MARKING:- CFB
1342
Low Freq. Power Amp.
Built in Damper Diode
Complementry CFD1933
ABSOLUTE MAXIMUM RATINGS(Ta=25deg C)
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Base Voltage
VCBO
80
V
Collector -Emitter Voltage
VCEO
80
V
Emitter Base Voltage
VEBO
7.0
V
Collector Current (DC)
IC
4.0
A
Collector Current (Pulse*)
6.0
A
Collector Power Dissipation @ Ta=25 deg C
PC
2.0
W
Collector Power Dissipation @ Tc=25 deg C
60
W
Junction Temperature
Tj
150.00
deg C
Storage Temperature Range
Tstg
-55 to +150
deg C
*Single Pulse Pw=100ms
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Specified)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Emitter Voltage
VCEO
IC=1mA, IB=0
80
-
-
V
Collector Base Voltage
VCBO
IC=50uA, IE=0
80
-
-
V
Collector Cut off Current
ICBO
VCB=80V, IE=0
-
-
100
uA
Emitter Cut off Current
IEBO
VEB=5V,IC=0
-
-
3.0
mA
Collector Emitter Saturation Voltage
VCE(Sat) IC=2A,IB=4mA
-
-
1.5
V
DC Current Gain
hFE
IC=2A, VCE=3V
1.0
-
10
K
IC=4A, VCE=3V
500
-
-
Dynamic Characteristics
Transition Frequency
ft
VCE=5V,IC=0.5A,
-
12
-
MHz
f=1MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0
-
45
-
pF
f=1MHz
Continental Device India Limited
Data Sheet
Page 1 of 2
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CFB1342

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CFB1362 CAMDENBOSS-CFB1362 Datasheet
502Kb / 1P
6.3x25mm glass and British plug top fuses
CFB1362/10A CAMDENBOSS-CFB1362/10A Datasheet
502Kb / 1P
6.3x25mm glass and British plug top fuses
CFB1362/13A CAMDENBOSS-CFB1362/13A Datasheet
502Kb / 1P
6.3x25mm glass and British plug top fuses
CFB1362/3A CAMDENBOSS-CFB1362/3A Datasheet
502Kb / 1P
6.3x25mm glass and British plug top fuses
CFB1362/5A CAMDENBOSS-CFB1362/5A Datasheet
502Kb / 1P
6.3x25mm glass and British plug top fuses
More results

Similar Description - CFB1342

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSA1943F CDIL-CSA1943F Datasheet
40Kb / 2P
PNP SILICON PLASTIC POWER DARLINGTON TRANSISTOR
CFB810 CDIL-CFB810 Datasheet
47Kb / 2P
PNP SILICON PLASTIC POWER DARLINGTON TRANSISTOR
CFB612 CDIL-CFB612 Datasheet
86Kb / 2P
PNP SILICON PLASTIC POWER DARLINGTON TRANSISTOR
CP1016 CDIL-CP1016 Datasheet
67Kb / 2P
PNP SILICON PLASTIC POWER DARLINGTON TRANSISTOR
CP1342 CDIL-CP1342 Datasheet
115Kb / 3P
PNP SILICON PLASTIC POWER DARLINGTON TRANSISTOR
logo
New Jersey Semi-Conduct...
2SB1568 NJSEMI-2SB1568 Datasheet
71Kb / 2P
Silicon PNP Darlington Power Transistor
2SB1481 NJSEMI-2SB1481 Datasheet
76Kb / 2P
Silicon PNP Darlington Power Transistor
logo
Continental Device Indi...
CSB1272 CDIL-CSB1272 Datasheet
70Kb / 2P
PNP SILICON PLASTIC POWER DARLINGTON TRANSISTOR
CSB810 CDIL-CSB810 Datasheet
138Kb / 3P
PNP SILICON PLASTIC POWER DARLINGTON TRANSISTOR
CP107 CDIL-CP107 Datasheet
119Kb / 3P
PNP SILICON PLASTIC POWER DARLINGTON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com