Electronic Components Datasheet Search
  English  ▼

X  

SLG55594 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # SLG55594
Description  USB Host Charger Identification Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG55594 Datasheet(HTML) 2 Page - Renesas Technology Corp

  SLG55594 Datasheet HTML 1Page - Renesas Technology Corp SLG55594 Datasheet HTML 2Page - Renesas Technology Corp SLG55594 Datasheet HTML 3Page - Renesas Technology Corp SLG55594 Datasheet HTML 4Page - Renesas Technology Corp SLG55594 Datasheet HTML 5Page - Renesas Technology Corp SLG55594 Datasheet HTML 6Page - Renesas Technology Corp SLG55594 Datasheet HTML 7Page - Renesas Technology Corp SLG55594 Datasheet HTML 8Page - Renesas Technology Corp SLG55594 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
000-0055594-104
Page 2 of 9
SLG55594
SLG55594A
Pin Description - SLG55594
Pin Description - SLG55594A
Truth Table
Ordering Information
Pin #
Pin Name
Type
Pin Description
1
CEN#
Output
P-FET Open Drain Output. Current Limit Switch (CLS) Control Output. CB
changes from 0 to 1 or 1 to 0. CEN# will be high for 2 seconds (typ)
2
DM
Input/Output
USB Connector D-
3
DP
Input/Output
USB Connector D+
4
SMART-CDP
Input
Input Control logic (see truth table)
5
VDD
PWR
Power Supply. Connect a 0.1
µF capacitor between VDD and GND as close
as possible to the device.
6
TDP
Input/Output
Host USB Transceiver D+ Connection
7
TDM
Input/Output
Host USB Transceiver D- Connection
8
CB
Input
Switch Control Bit
0 = autodetection charger identification active
1 = charging downstream port with active USB2.0 data communication
mode with 1.5A support
9
Thermal Pad
GND
Ground
Pin #
Pin Name
Type
Pin Description
1
CEN
Output
N-FET Open Drain Output. Current Limit Switch (CLS) Control Output. CB
changes from 0 to 1 or 1 to 0. CEN will be low for 2 seconds (typ)
2
DM
Input/Output
USB Connector D-
3
DP
Input/Output
USB Connector D+
4
SMART-CDP
Input
Input Control logic (see truth table)
5
VDD
PWR
Power Supply. Connect a 0.1
µF capacitor between VDD and GND as close
as possible to the device.
6
TDP
Input/Output
Host USB Transceiver D+ Connection
7
TDM
Input/Output
Host USB Transceiver D- Connection
8
CB
Input
Switch Control Bit
0 = autodetection charger identification active
1 = charging downstream port with active USB2.0 data communication
mode with 1.5A support
9
Thermal Pad
GND
Ground
CB
SMART-CDP Function
0
X
DCP autodetect with mouse/keyboard wakeup
1
0
S0 charging with SDP only
1
1
S0 charging with CDP or SDP only (depending on external device)
And, when Non-CDP phone is plugged in, the CDP mode will be changed automatically to SDP
mode during handshaking protocol for supporting data communication.
Part Number
Type
SLG55594V
TDFN-8
SLG55594VTR
TDFN-8 - Tape and Reel
SLG55594AV
TDFN-8
SLG55594AVTR
TDFN-8 - Tape and Reel



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com