Electronic Components Datasheet Search
  English  ▼

X  

RP040GF Datasheet(PDF) 2 Page - 3M Electronics

Part # RP040GF
Description  3M™ VHB™ Tape RP040GF
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

RP040GF Datasheet(HTML) 2 Page - 3M Electronics

  RP040GF Datasheet HTML 1Page - 3M Electronics RP040GF Datasheet HTML 2Page - 3M Electronics RP040GF Datasheet HTML 3Page - 3M Electronics RP040GF Datasheet HTML 4Page - 3M Electronics RP040GF Datasheet HTML 5Page - 3M Electronics RP040GF Datasheet HTML 6Page - 3M Electronics RP040GF Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Test Name: Primary
Total Tape Thickness (mil)
16 mil
View
Test Method: ASTM D3652
Total Tape Thickness (mm)
0.4 mm
View
Test Method: ASTM D3652
Total Tape Thickness
0.016 in
View
Test Method: ASTM D3652
Thickness Tolerance
±20 %
Density
800 kg/m³
View
Test Method: ASTM D3574
Notes: Foam with adhesive
Density
50 lb/ft³
Liner Thickness
5 mil
Liner Thickness
0.005 in
Typical Performance Characteristics
Property
Values
Additional Information
90° Peel Adhesion
31 N/cm
View
Test Method: ASTM D3330
Dwell/Cure Time: 24.0
Dwell Time Units: hr
Temp C: 23C
Temp F: 72F
Environmental Condition: 50%RH
Substrate: Stainless Steel
Backing: 5 mil Aluminum Foil
Notes: 12 in/min (300 mm/min)
90° Peel Adhesion
18 lb/in
View
Test Method: ASTM D3330
EN - May, 2022
2/7
3M™ VHB™ Tape RP+080GF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com