Electronic Components Datasheet Search
  English  ▼

X  

2N2907 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 2N2907
Description  PNP switching transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

2N2907 Datasheet(HTML) 4 Page - NXP Semiconductors

  2N2907 Datasheet HTML 1Page - NXP Semiconductors 2N2907 Datasheet HTML 2Page - NXP Semiconductors 2N2907 Datasheet HTML 3Page - NXP Semiconductors 2N2907 Datasheet HTML 4Page - NXP Semiconductors 2N2907 Datasheet HTML 5Page - NXP Semiconductors 2N2907 Datasheet HTML 6Page - NXP Semiconductors 2N2907 Datasheet HTML 7Page - NXP Semiconductors 2N2907 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1997 May 30
4
Philips Semiconductors
Product specification
PNP switching transistors
2N2907; 2N2907A
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
Note
1. Pulse test: tp ≤ 300 µs; δ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector cut-off current
2N2907
IE = 0; VCB = −50 V
−−20
nA
IE = 0; VCB = −50 V; Tamb = 150 °C
−−20
µA
ICBO
collector cut-off current
2N2907A
IE = 0; VCB = −50 V
−−10
nA
IE = 0; VCB = −50 V; Tamb = 150 °C
−−10
µA
IEBO
emitter cut-off current
IC = 0; VEB = −5V
−−50
nA
hFE
DC current gain
VCE = −10 V
2N2907
IC = −0.1 mA
35
−
IC = −1mA
50
−
IC = −10 mA
75
−
IC = −150 mA; note 1
100
300
IC = −500 mA; note 1
30
hFE
DC current gain
VCE = −10 V
2N2907A
IC = −0.1 mA
75
−
IC = −1 mA
100
−
IC = −10 mA
100
−
IC = −150 mA; note 1
100
300
IC = −500 mA; note 1
50
−
VCEsat
collector-emitter saturation voltage
IC = −150 mA; IB = −15 mA; note 1
−400 mV
IC = −500 mA; IB = −50 mA; note 1
−1.6
V
VBEsat
base-emitter saturation voltage
IC = −150 mA; IB = −15 mA; note 1
−1.3
V
IC = −500 mA; IB = −50 mA; note 1
−2.6
V
Cc
collector capacitance
IE =ie = 0; VCB = −10 V; f = 1 MHz
−
8pF
Ce
emitter capacitance
IC =ic = 0; VEB = −2 V; f = 1 MHz
−
30
pF
fT
transition frequency
IC = −50 mA; VCE = −20 V; f = 100 MHz;
note 1
200
−
MHz
Switching times (between 10% and 90% levels); see Fig.2
ton
turn-on time
ICon = −150 mA; IBon = −15 mA; IBoff =15mA −
45
ns
td
delay time
−
15
ns
tr
rise time
−
35
ns
toff
turn-off time
−
300
ns
ts
storage time
−
250
ns
tf
fall time
−
50
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com