Electronic Components Datasheet Search
  English  ▼

X  

CLE-12 Datasheet(PDF) 5 Page - DIWELL Electronics Co., Ltd.

Part # CLE-12
Description  Constant Current LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

CLE-12 Datasheet(HTML) 5 Page - DIWELL Electronics Co., Ltd.

  CLE-12 Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. CLE-12 Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. CLE-12 Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. CLE-12 Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. CLE-12 Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. CLE-12 Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. CLE-12 Datasheet HTML 7Page - DIWELL Electronics Co., Ltd. CLE-12 Datasheet HTML 8Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DANUBE
http://www.danube.com.tw
2016/09/12
5
 SAFE OPERATING AREA
OUTPUT CURRENT 0.30A
OUTPUT CURRENT 0.35A
10
20
30
8
36
16
24
Output Voltage(V)
Available Operating Area
Vin9V u p toVout=27V
Vin12V up toVout=36V
9
10
20
30
8
36
16
24
Output Voltage(V)
Available Operating Area
Vin9V up toVout=27V
Vin12V up toVout=36V
9
OUTPUT CURRENT 0.50A
OUTPUT CURRENT 0.60A
8
16
32
24
8
30
16
24
Output Voltage(V)
Available Operating Area
9
Vin9V up toVout=20V
Vin12V up toVout=24V
Vin16V up toVout=32V
8
16
30
24
8
28
16
24
Output Voltage(V)
Available Operating Area
9
Vin9V up toVout=18V
Vin12V up toVout=24V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com