Electronic Components Datasheet Search
  English  ▼

X  

CLE-24 Datasheet(PDF) 2 Page - DIWELL Electronics Co., Ltd.

Part # CLE-24
Description  Constant Current LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

CLE-24 Datasheet(HTML) 2 Page - DIWELL Electronics Co., Ltd.

  CLE-24 Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. CLE-24 Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. CLE-24 Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. CLE-24 Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. CLE-24 Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. CLE-24 Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. CLE-24 Datasheet HTML 7Page - DIWELL Electronics Co., Ltd. CLE-24 Datasheet HTML 8Page - DIWELL Electronics Co., Ltd. CLE-24 Datasheet HTML 9Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DANUBE
http://www.danube.com.tw
2013/10/07
9-2
PARTNUMBES STRUCTURE
Series
Coding scheme
CLE-24 Series
CLE-x1-x.x2y1zzz
CLE = Series Name
x1 = Input voltage
x.x2 = Output current
y1=Package Style(D=PINS)(W=WIRED)(S=SMD)
zzz = 0~9
A~Z or blank for market purpose.
SPECIFICATIONS
( typical at 25°C, nominal input voltage, rated output current unless otherwise specified )
Project
Working Condition
Min
Typ
Max
Unit
Input Voltage(absolute maximum)
36
VDC
Recommended Input Voltage
6
24
36
VDC
Input Filter
Capacitor
Output Voltage range
Vin=36V
2
30
VDC
Output Current Accuracy
Vin=24V,5LEDS
5
6
%
Output Current Stability
Vin=24V,1LED to 5LEDS
5
6
%
Maximum Capacitive Load
2.2
uF
Operating Frequency
1000
KHz
Ripple & Noise (20MHz BW)
1500
mVp-p
Short Circuit Protection
Continuous
Temperature Coefficient
-40°C~+71°C ambient
0.03
%°C
Operating Temperature
1000mA/1200mA/1500mA
-40
71
°C
Storage Temperature
-55
125
°C
Humidity (D) (W)
95
%
Humidity (S)
85
%
Maximum Case Temperature
100
°C
MTBF (using MIL-HDBK 217F)
Operating Temperature 25°C
2000000
Hours
Case Material
Non Conductive plastic
Potting Material
Epoxy (UL94V-0)
Case Size (D) (W)
31.8*20.3*12.2
mm
Case Size (S)
31.8*20.3*10.9
mm
Weight (D)
15.6
g
Weight (W)
18
g
Weight (S)
12.8
g
EMI Radiated Emissions
EN55015
Dust Test & Waterproof Test (D)(W)
IP67



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com