Electronic Components Datasheet Search
  English  ▼

X  

MAX25255 Datasheet(PDF) 2 Page - Analog Devices

Part # MAX25255
Description  MAX25255 Dual Phase Evaluation Kit
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX25255 Datasheet(HTML) 2 Page - Analog Devices

  MAX25255 Datasheet HTML 1Page - Analog Devices MAX25255 Datasheet HTML 2Page - Analog Devices MAX25255 Datasheet HTML 3Page - Analog Devices MAX25255 Datasheet HTML 4Page - Analog Devices MAX25255 Datasheet HTML 5Page - Analog Devices MAX25255 Datasheet HTML 6Page - Analog Devices MAX25255 Datasheet HTML 7Page - Analog Devices MAX25255 Datasheet HTML 8Page - Analog Devices MAX25255 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.analog.com
Analog Devices │ 2
MAX25255 Dual Phase
Evaluation Kit
Evaluates: MAX25254, MAX25255
Detailed Description of Hardware
The MAX25255 dual phase EV kit provides a proven
layout for the MAX25255 synchronous buck regulator IC.
The IC accepts input voltages as high as 36V and delivers
up to 12A. The EV kit can handle an input supply transient
up to 42V. Various test points are included for evaluation.
External Synchronization
The IC can operate in two modes: forced-PWM (FPWM)
or skip mode. Skip mode has better efficiency for light-
load conditions. When SYNC is pulled low, the IC oper-
ates in skip mode for light loads and PWM mode for larger
loads. When SYNC is pulled high, the IC is forced to oper-
ate in PWM mode across all load conditions.
SYNC can be used to synchronize with an external clock
signal. The IC is forced to operate in FPWM mode when
SYNC is connected to a clock source.
Buck Output Monitoring (PGOOD_)
The EV kit provides two power-good output test points
(PGOOD1 and PGOOD2) to monitor the status of the
buck output voltage VOUT and master status. The
PGOODs are pulled to high impedance when the output
voltage is in regulation. PGOODs pulled to ground when
the output voltage drops below 95% (typ) of its nominal
regulated voltage.
Programming Buck Output Voltage
The EV kit comes installed with MAX25255DAFDA/VY+,
which provides fixed 3.3V voltage regulation on VOUT.
To externally adjust the voltage at VOUT from 0.8V to
14V, remove U1 MAX25255DAFDA/VY+ and replace with
adjustable version IC, remove R5 and install a 0Ω resistor
on R7, place appropriate resistors in the positions R8 and
R9 according to the following equation:
VOUT
R8 R9
1
VFB

=
−


Where typically VFB = 0.8V(typ) and R9 = 10kΩ.
Selecting EXTVCC
The MAX25255 IC provides an internal 1.8V BIAS LDO
that supplies the IC internal circuitry. To reduce the IC
internal power dissipation, the input of the internal BIAS
LDO can be switched from VSUPF to an external sup-
ply or one of the buck converter outputs by applying
the voltage to EXTVCC. The EV kit provides jumper
JU_EXTVCC, which allows shunts to be installed con-
necting EXTVCC to VOUT. If the buck converter output is
connected to EXTVCC, light-load efficiency is improved
as the supply current to BIAS LDO is scaled down propor-
tionally to the duty cycle of the buck converter.
If the EXTVCC voltage drops below 2.40V (typ), the input
supply of the BIAS LDO is automatically switched back
to VSUPF.
Evaluating Other Variants
The EV kit comes installed with the 3.3V/2MHz/12A vari-
ant (MAX25255DAFDA/VY+). The other variants can be
installed with minimal component changes.
Analog Devices offers additional variations, including
the ICs that operate at the lower switching frequency
of 400kHz for increased efficiency. See the MAX25255
Dual Phase EV Kit Bill of Materials to select components
for evaluating 400kHz variants. Refer to the MAX25254/
MAX25255 IC data sheet for part variant details and
contact the factory for additional variants of MAX25254/
MAX25255.
Table 1. Default Jumper Settings
#Denotes RoHS compliance.
Ordering Information
JUMPER
SHUNT POSITION
FUNCTIONS
JU_EN1
1-2
BUCK1 ENABLED
JU_EN2
1-2
BUCK2 ENABLED
JU_SYNC
1-2
SYNC is pulled to BIAS to enable FPWM mode
JU_EXTVCC
Installed
EXTVCC is connected to VOUT
JU_PGOOD1
Installed
PGOOD1 is pulled up to BIAS when VOUT is in regulation
JU_PGOOD2
Installed
PGOOD2 is pulled up to BIAS when VOUT is in regulation
PART
TYPE
MAX25255DUALEVKIT# 3.3V/2MHz Dual Phase EV Kit



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com