Electronic Components Datasheet Search
  English  ▼

X  

CJD81 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CJD81
Description  NPN SILICON POWER TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CJD81 Datasheet(HTML) 1 Page - Continental Device India Limited

  CJD81 Datasheet HTML 1Page - Continental Device India Limited CJD81 Datasheet HTML 2Page - Continental Device India Limited CJD81 Datasheet HTML 3Page - Continental Device India Limited CJD81 Datasheet HTML 4Page - Continental Device India Limited CJD81 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
NPN SILICON POWER TRANSISTOR
CJD81
DPAK (TO-252)
Plastic Package
For High Current Driver Applications
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC )
DESCRIPTION
SYMBOL
UNITS
Collector Base Voltage
VCBO
V
Collector Emitter Voltage
VCEO
V
Emitter Base Voltage
VEBO
V
Collector Current
IC
A
Collector Current (Pulse)
ICP
A
Collector Power Dissipation
PD
W
Junction Temperature
Tj
ºC
Storage Temperature
Tstg
ºC
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNITS
Collector Emitter Voltage
VCEO
IC=1mA, IB=0
10
V
Collector Base Voltage
VCBO
IC=10µA, IE=0
30
V
Emitter Base Voltage
VEBO
IE=10µA, IC=0
6.0
V
Collector Cut Off Current
ICBO
VCB =20V, IE=0
0.1
µA
Emitter Cut Off Current
IEBO
VEB=4V, IC = 0
0.1
µA
DC Current Gain
hFE
IC =3A, VCE=2V
140
DYNAMIC CHARACTERISTICS
Transition Frequency
fT
VCE=10V, IC=50mA
200
MHz
Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
30
pF
MARKING
CDIL
CJD81
MX
XY
XY= Date Code
CJD81Rev230205E
- 55 to +150
VALUE
30
10
6.0
3.0
5.0
0.9
150
Continental Device India Limited
Data Sheet
Page 1 of 5
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CJD81

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CJD86 CDIL-CJD86 Datasheet
143Kb / 4P
NPN SILICON PLANAR TRANSISTOR
More results

Similar Description - CJD81

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MRF342 ASI-MRF342 Datasheet
145Kb / 1P
SILICON POWER NPN TRANSISTOR
logo
NEC
2SC2333 NEC-2SC2333 Datasheet
167Kb / 3P
NPN Silicon Power Transistor
logo
Continental Device Indi...
C13003 CDIL-C13003 Datasheet
160Kb / 4P
NPN SILICON POWER TRANSISTOR
CFC4662 CDIL-CFC4662 Datasheet
106Kb / 3P
NPN SILICON POWER TRANSISTOR
logo
Bourns Electronic Solut...
BUT11 BOURNS-BUT11 Datasheet
128Kb / 5P
NPN SILICON POWER TRANSISTOR
BUX84 BOURNS-BUX84 Datasheet
125Kb / 6P
NPN SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N2880 MICROSEMI-2N2880_1 Datasheet
45Kb / 2P
NPN POWER SILICON TRANSISTOR
2N5002 MICROSEMI-2N5002 Datasheet
58Kb / 2P
NPN POWER SILICON TRANSISTOR
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
Kwang Myoung I.S. CO.,L...
TIP35CF KISEMICONDUCTOR-TIP35CF Datasheet
5Mb / 2P
Silicon NPN Power Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com