Electronic Components Datasheet Search
  English  ▼

X  

CJD3439 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CJD3439
Description  NPN SILICON PLASTIC HIGH VOLTAGE POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CJD3439 Datasheet(HTML) 1 Page - Continental Device India Limited

  CJD3439 Datasheet HTML 1Page - Continental Device India Limited CJD3439 Datasheet HTML 2Page - Continental Device India Limited CJD3439 Datasheet HTML 3Page - Continental Device India Limited CJD3439 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN SILICON PLASTIC HIGH VOLTAGE POWER TRANSISTORS
CJD3439
DPAK (TO-252)
Plastic Package
Designed for use in Line Operated Equipment Requiring High fT
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
UNIT
Collector Emitter Voltage
VCEO
V
Collector Base Voltage
VCBO
V
Emitter Base Voltage
VEBO
V
Collector Current Continuous
IC
A
Base Current
IB
mA
Total Power Dissipation at Tc=25ºC
PD
W
Derate Above 25ºC
W/ºC
Operating and Storage Junction
Temperature Range
Tj, Tstg
ºC
THERMAL CHARACTERISTICS
Junction to Case
Rth (j-c)
ºC/W
ELECTRICAL CHARACTERISTICS (Tc=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Emitter Sustaining Voltage
VCEO(sus)
IC=5mA, IB=0
350
V
Collector Cut Off Current
ICEO
VCE=300V, IB=0
20
µA
Collector Cut Off Current
ICEX
VCE=450V, VEB(off)=1.5V
500
µA
Collector Cut Off Current
ICBO
VCB=350V, IE=0
20
µA
Emitter Cut Off Current
IEBO
VBE=5V, IC=0
20
µA
DC Current Gain
hFE
IC=2mA, VCE=10V
30
IC=20mA, VCE=10V
15
200
Collector Emitter Saturation Voltage
VCE (sat)
IC=50mA, IB=4mA
0.5
V
Base Emitter Saturation Voltage
VBE (sat)
IC=50mA, IB=4mA
1.3
V
Base Emitter On Voltage
VBE (on)
IC=50mA, VCE=10V
0.8
V
DYNAMIC CHARACTERISTICS
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Current Gain Bandwidth Product
fT
IC=10mA, VCE=10V, f=5MHz
15
MHz
Output Capacitance
C0b
VCB=10V, IE=0, f=1MHz
10
pF
Small Signal Current Gain
hfe
IC=5mA, VCE=10V, f=1KHz
25
MARKING
XY= Date Code
CJD3439Rev300606E
150
VALUE
450
0.3
5.0
350
15
0.12
8.33
CDIL
CJD3439
XY
MX
- 65 to +150
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CJD3439

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CJD340 CENTRAL-CJD340 Datasheet
453Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTOR
CJD340 CENTRAL-CJD340 Datasheet
424Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
CJD340 CENTRAL-CJD340_10 Datasheet
424Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
More results

Similar Description - CJD3439

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N6497 BOCA-2N6497 Datasheet
185Kb / 4P
HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
logo
Continental Device Indi...
CSD1426F CDIL-CSD1426F Datasheet
110Kb / 3P
NPN HIGH VOLTAGE SILICON POWER TRANSISTORS
logo
Motorola, Inc
2N6251 MOTOROLA-2N6251 Datasheet
99Kb / 6P
High Voltage NPN Silicon Power Transistors
logo
ON Semiconductor
TIP47G ONSEMI-TIP47G Datasheet
163Kb / 6P
High Voltage NPN Silicon Power Transistors
April, 2010 ??Rev. 8
logo
New Jersey Semi-Conduct...
2N3439 NJSEMI-2N3439 Datasheet
144Kb / 1P
NPN SILICON HIGH VOLTAGE POWER TRANSISTORS
2N5657 NJSEMI-2N5657 Datasheet
136Kb / 1P
PLASTIC NPN SILICON HIGH-VOLTAGE POWER TRANSISTORS
logo
Continental Device Indi...
MJD148 CDIL-MJD148 Datasheet
596Kb / 5P
NPN SILICON PLASTIC POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N6249 NJSEMI-2N6249 Datasheet
137Kb / 3P
HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
MJE3439 NJSEMI-MJE3439 Datasheet
87Kb / 2P
NPN Silicon High-Voltage Power Transistors
logo
ON Semiconductor
2N5655G ONSEMI-2N5655G_13 Datasheet
129Kb / 5P
Plastic NPN Silicon High-Voltage Power Transistors
December, 2013 ??Rev. 12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com