Electronic Components Datasheet Search
  English  ▼

X  

CJF100 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CJF100
Description  SILICON PLANAR POWER DARLINGTON TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CJF100 Datasheet(HTML) 1 Page - Continental Device India Limited

  CJF100 Datasheet HTML 1Page - Continental Device India Limited CJF100 Datasheet HTML 2Page - Continental Device India Limited CJF100 Datasheet HTML 3Page - Continental Device India Limited CJF100 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SILICON PLANAR POWER DARLINGTON TRANSISTORS
NPN
PNP
CJF100 CJF105
CJF101 CJF106
CJF102 CJF107
TO-220FP Fully Isolated
Plastic Package
Power Darlington for Linear and Switching Applications
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
CJF100
CJF101
CJF102
UNIT
CJF105
CJF106
CJF107
Collector Base Voltage
VCBO
60
80
100
V
Collector Emitter Voltage
VCEO
60
80
100
V
Emitter Base Voltage
VEBO
5.0
V
RMS Isolation Voltage ( for 1sec, R.H.
(1) VISOL (a)
3500
VRMS
<30%, TA=25ºC )
(b)
1500
Collector Current - Continuous
IC
8.0
A
Peak
ICM
15
Base Current
IB
1.0
A
Total Power Dissipation @ TC=25ºC
Ptot
80
W
Derate Above 25ºC
0.64
W/ºC
Total Power Dissipation @ TA=25ºC
Ptot
2.0
W
Derate Above 25ºC
0.016
W/ºC
Operating
And Storage Junction
T j, Tstg
- 65 to +150
ºC
Temperature Range
(1) RMS Isolation Voltage : (a) 3500 VRMS with Package in Clip Mounting Position (b) 1500 VRMS with Package in
Screw Mounting Position (for 1sec, R.H.<30%Ta=25ºC; Pulse Test: Pulse Width </=300
µs, Duty Cycle</=2%)
THERMAL RESISTANCE
Characteristics
SYMBOL
MAX
UNIT
From Junction to Ambient
Rth(j-a)
62.5
ºC/W
From Junction to Case
Rth(j-c)
1.56
ºC/W
ELECTRICAL CHARACTERISTICS (TC=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNIT
Collector Emitter Sustaining Voltage
VCEO (sus) *IC=30mA, IB=0
CJF100/105
60
-
V
CJF101/106
80
-
V
CJF102/107
100
-
V
Collector Cut
Off Current
ICEO
VCE= I/2 Rated VCEO, IB=0
-50
µA
ICBO
VCB= Rated VCBO, IE=0
-50
µA
Emitter Cut
Off Current
IEBO
VEB=5V, IC=0
-
8.0
mA
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CJF100

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CJF122 CDIL-CJF122 Datasheet
203Kb / 4P
SILICON PLANAR DARLINGTON POWER TRANSISTORS
CJF127 CDIL-CJF127 Datasheet
203Kb / 4P
SILICON PLANAR DARLINGTON POWER TRANSISTORS
CJF15028 CDIL-CJF15028 Datasheet
110Kb / 4P
SILICON PLANAR POWER TRANSISTORS
CJF15028 CDIL-CJF15028 Datasheet
101Kb / 4P
SILICON PLANAR POWER TRANSISTORS
CJF15028NPN CDIL-CJF15028NPN Datasheet
101Kb / 4P
SILICON PLANAR POWER TRANSISTORS
More results

Similar Description - CJF100

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CJF122 CDIL-CJF122 Datasheet
203Kb / 4P
SILICON PLANAR DARLINGTON POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
TIP140F TEL-TIP140F Datasheet
60Kb / 2P
SILICON PLANAR DARLINGTON POWER TRANSISTORS
TIP142T TEL-TIP142T Datasheet
161Kb / 2P
SILICON PLANAR POWER DARLINGTON TRANSISTORS
logo
SEMTECH ELECTRONICS LTD...
STBDW42 SEMTECH_ELEC-STBDW42 Datasheet
229Kb / 3P
NPN Silicon Planar Darlington Power Transistors
logo
Comset Semiconductor
BDX45 COMSET-BDX45 Datasheet
223Kb / 3P
SILICON PLANAR DARLINGTON TRANSISTORS
BDX42 COMSET-BDX42_12 Datasheet
66Kb / 3P
SILICON PLANAR DARLINGTON TRANSISTORS
logo
Continental Device Indi...
TIP142T CDIL-TIP142T Datasheet
415Kb / 3P
SILICON PLANAR POWER DARLINGTON TRANSISTORS
TIP140 CDIL-TIP140 Datasheet
327Kb / 3P
SILICON PLANAR DARLINGTON POWER TRANSISTORS
MJ11015 CDIL-MJ11015 Datasheet
176Kb / 3P
SILICON PLANAR DARLINGTON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
BDX42 NJSEMI-BDX42 Datasheet
119Kb / 3P
SILICON PLANAR DARLINGTON TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com