Electronic Components Datasheet Search
  English  ▼

X  

CJF101 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # CJF101
Description  SILICON PLANAR POWER DARLINGTON TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CJF101 Datasheet(HTML) 2 Page - Continental Device India Limited

  CJF101 Datasheet HTML 1Page - Continental Device India Limited CJF101 Datasheet HTML 2Page - Continental Device India Limited CJF101 Datasheet HTML 3Page - Continental Device India Limited CJF101 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SILICON PLANAR POWER DARLINGTON TRANSISTORS
NPN
PNP
CJF100 CJF105
CJF101 CJF106
CJF102 CJF107
TO-220FP Fully Isolated
Plastic Package
ELECTRICAL CHARACTERISTICS (TC=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNIT
Collector Emitter Saturation Voltages
VCE (sat) *IC=3A, IB=6mA
-
2.0
V
IC=8A, IB=80mA
-
2.5
Base Emitter
On Voltage
VBE (on) *IC=8A, VCE=4V
-
2.8
V
DC Current Gain
hFE *IC=3A, VCE=4V
1000
20000
IC=8A, VCE=4V
200
-
DYNAMIC CHARACTERISTICS
Small Signal Current Gain
lhfelIC=3A, VCE=4V,f=1MHz
4.0
-
Output Capacitance
Co
VCB=10V, IE=0, f=0.1MHz
PNP
-
300
pF
NPN
-
200
Forward Voltage of Commutation Diode
VF*IF= - IC=10A, IB=0
-
6.0
V
* Pulse Test: Pulse Width <
300µs, Duty Cycle < 2 %
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com