Electronic Components Datasheet Search
  English  ▼

X  

ATB Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # ATB
Description  105°C Long Life, Low Impedance
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

ATB Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  ATB Datasheet HTML 1Page - Cornell Dubilier Electronics ATB Datasheet HTML 2Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ATB
+105°C, Low Impedance, up
to 5000 hours
WVDC
Capacitance
(µF)
IC PART NUMBER
Impedance
Ω +20°C,
100kHz
Maximum
RMS
Ripple
Current
(mA)
100 kHz,
+105°C
Dims DxL
(mm)
6.3
22
1.93
90
4x5.4
6.3
33
1.93
90
4x5.4
6.3
47
1
160
5x5.4
6.3
100
0.52
240
6.3x5.4
6.3
150
0.3
240
6.3x7.7
6.3
220
0.3
240
6.3x7.7
6.3
330
0.16
600
8x10.2
6.3
470
0.16
600
8x10.2
6.3
680
0.12
850
10x10.2
6.3
1000
0.12
850
10x10.2
10
22
1.93
90
4x5.4
10
33
1
160
5x5.4
10
47
0.52
190
6.3x5.4
10
100
0.52
190
6.3x5.4
10
150
0.34
240
6.3x7.7
10
220
0.16
600
8x10.2
10
330
0.16
600
8x10.2
10
470
0.12
850
10x10.2
10
680
0.12
850
10x10.2
10
1000
0.12
850
10x10.2
16
10
1.93
90
4x5.4
16
22
1
160
5x5.4
16
33
0.52
240
6.3x5.4
16
47
0.52
240
6.3x5.4
16
100
0.34
280
6.3x7.7
16
150
0.22
370
8x10.2
16
220
0.22
370
8x10.2
16
330
0.16
600
8x10.2
16
470
0.12
850
10x10.2
16
680
0.12
850
10x10.2
25
10
ATB226M6R3
ATB336M6R3
ATB476M6R3
ATB107M6R3
ATB157M6R3
ATB227M6R3
ATB337M6R3
ATB477M6R3
ATB687M6R3
ATB108M6R3
ATB226M010
ATB336M010
ATB476M010
ATB107M010
ATB157M010
ATB227M010
ATB337M010
ATB477M010
ATB687M010
ATB108M010
ATB106M016
ATB226M016
ATB336M016
ATB476M016
ATB107M016
ATB157M016
ATB227M016
ATB337M016
ATB477M016
ATB687M016
ATB106M025
1.93
90
4x5.4
WVDC
Capacitance
(µF)
IC PART NUMBER
Impedance
Ω +20°C,
100kHz
Maximum
RMS
Ripple
Current
(mA)
100 kHz,
+105°C
Dims DxL
(mm)
25
22
1
160
5x5.4
25
33
0.52
240
6.3x5.4
25
47
0.52
240
6.3x5.4
25
68
0.34
280
6.3x7.7
25
100
0.34
300
6.3x7.7
25
150
0.16
600
8x10.2
25
220
0.16
600
8x10.2
25
330
0.16
850
10x10.2
25
470
0.12
850
10x10.2
35
4.7
1.93
90
4x5.4
35
10
1
160
5x5.4
35
22
1
160
5x5.4
35
33
0.52
240
6.3x5.4
35
47
0.34
280
6.3x7.7
35
68
0.34
280
6.3x7.7
35
100
0.16
600
8x10.2
35
150
0.12
850
10x10.2
35
220
0.12
850
10x10.2
35
330
0.12
850
10x10.2
50
1
5
60
4x5.4
50
2.2
5
60
4x5.4
50
3.3
5
60
4x5.4
50
4.7
4
95
5x5.4
50
10
2.6
140
6.3x5.4
50
22
1.3
230
6.3x7.7
50
33
0.5
350
8x10.2
50
47
0.34
670
10x10.2
50
68
0.34
670
10x10.2
50
100
0.34
670
10x10.2
50
150
0.34
670
10x10.2
50
220
ATB226M025
ATB336M025
ATB476M025
ATB686M025
ATB107M025
ATB157M025
ATB227M025
ATB337M025
ATB477M025
ATB475M035
ATB106M035
ATB226M035
ATB336M035
ATB476M035
ATB686M035
ATB107M035
ATB157M035
ATB227M035
ATB337M035
ATB105M050
ATB225M050
ATB335M050
ATB475M050
ATB106M050
ATB226M050
ATB336M050
ATB476M050
ATB686M050
ATB107M050
ATB157M050
ATB227M050
0.34
670
10x10.2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com