Electronic Components Datasheet Search
  English  ▼

X  

BAS16DW Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # BAS16DW
Description  SMD Small Signal Diodes SMD Kleinsignal-Dioden
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BAS16DW Datasheet(HTML) 1 Page - Diotec Semiconductor

  BAS16DW Datasheet HTML 1Page - Diotec Semiconductor BAS16DW Datasheet HTML 2Page - Diotec Semiconductor BAS16DW Datasheet HTML 3Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAS316WS-AQ
BAS316WS-AQ
SMD Small Signal Diodes
SMD Kleinsignal-Dioden
IFAV = 250 mA
VF1
< 0.715 V
Tjmax = 150°C
VRRM = 100 V
IFSM1 = 4.0 A
trr
< 4 ns
Version 2020-04-28
SOD-323
Dimensions - Maße [mm]
Type Code = W2
Typical Applications
Signal processing, High-speed
switching, Rectifying
Suffix -AQ: in AEC-Q101 qualification 1)
Typische Anwendungen
Signalverarbeitung, Schnelles
Schalten, Gleichrichten
Suffix -AQ: in AEC-Q101 Qualifikation 1)
Features
Very high switching speed
Low junction capacitance
Low leakage current
Compliant to RoHS, REACH,
Conflict Minerals 1)
Besonderheiten
Extrem schnelles Schalten
Niedrige Sperrschichtkapazität
Niedriger Sperrstrom
Konform zu RoHS, REACH,
Konfliktmineralien 1)
Mechanical Data 1)
Mechanische Daten 1)
Taped and reeled
3000 / 7“
Gegurtet auf Rolle
Weight approx.
0.005 g
Gewicht ca.
Solder & assembly conditions
260°C/10s
Löt- und Einbaubedingungen
MSL = 1
These diodes are available in alternative case outlines
Diese Dioden sind auch in alternativen Gehäuseformen lieferbar
SOT-23
SOT-323
SOT-363
SOD-523
= BAS16
= BAS16W
= BAS16DW
= BAS216WT
Maximum ratings 2)
Grenzwerte 2)
BAS316WS-AQ
Power dissipation
Verlustleistung
Ptot
200 mW 3)
Max. average forward current
Dauergrenzstrom
IFAV
250 mA 3)
Non repetitive peak forward surge current
Stoßstrom in Fluss-Richtung
tp ≤ 1 s
tp ≤ 1 ms
tp ≤ 1 µs
IFSM
0.5 A
1 A
4 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM
100 V
Reverse voltage
Sperrspannung
DC
VR
100 V
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-55...+150°C
-55…+150°C
1
Please note the detailed information on our website or at the beginning of the data book
Bitte beachten Sie die detaillierten Hinweise auf unserer Internetseite bzw. am Anfang des Datenbuches
2
TA = 25°C unless otherwise specified – TA = 25°C wenn nicht anders angegeben
3
Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
© Diotec Semiconductor AG
http://www.diotec.com/
1
Pb
RoHS
2.5±0.2
1.7
±0.1
Type
Code


Similar Part No. - BAS16DW

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BAS16DW DIOTEC-BAS16DW Datasheet
126Kb / 2P
Fast Switching Surface Mount Si-Planar Diodes
BAS16DW DIOTEC-BAS16DW Datasheet
184Kb / 2P
SMD Small Signal Diode Arrays
BAS16DW DIOTEC-BAS16DW Datasheet
151Kb / 2P
SMD Small Signal Diodes
BAS16DW DIOTEC-BAS16DW Datasheet
204Kb / 2P
SMD Small Signal Diode Arrays
BAS16DW DIOTEC-BAS16DW_1 Datasheet
204Kb / 2P
SMD Small Signal Diode Arrays
More results

Similar Description - BAS16DW

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BAS16 DIOTEC-BAS16_16 Datasheet
187Kb / 2P
SMD Small Signal Diodes
BAS16 DIOTEC-BAS16_17 Datasheet
194Kb / 2P
SMD Small Signal Diodes
BAS16 DIOTEC-BAS16_18 Datasheet
194Kb / 2P
SMD Small Signal Diodes
BAS16W DIOTEC-BAS16W Datasheet
191Kb / 2P
SMD Small Signal Diodes
BAS31 DIOTEC-BAS31_18 Datasheet
174Kb / 2P
SMD Small Signal Diodes
MCL4148 DIOTEC-MCL4148_18 Datasheet
137Kb / 2P
SMD Small Signal Diodes
BAS31 DIOTEC-BAS31_1 Datasheet
174Kb / 2P
SMD Small Signal Diodes
BAS216WT DIOTEC-BAS216WT_18 Datasheet
140Kb / 2P
SMD Small Signal Diodes
BAS21W DIOTEC-BAS21W Datasheet
159Kb / 2P
SMD Small Signal Diodes
BAS31 DIOTEC-BAS31_V01 Datasheet
624Kb / 3P
SMD Small Signal Diodes SMD Kleinsignal-Dioden
Version 2023-03-20
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com