Electronic Components Datasheet Search
  English  ▼

X  

NCVT1XT Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # NCVT1XT
Description  NON-CONTACT VOLTAGE TESTER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NCVT1XT Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  NCVT1XT Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
• Provides non-contact detection of 70 to 1000V AC
in cables, cords, circuit breakers, lighting fixtures,
switches, non tamper-resistant outlets and wires
• Durable meter is dustproof and waterproof
with an IP67 rating and 9.8-Foot (3 m) drop protection
• High intensity, bright green LED
indicates the tester is powered on
• Lightweight compact design
with a convenient clip to fit securely in your pocket
• Includes instructions and 2 x AAA 1.5 volt batteries
• Auto power-off feature conserves and extends battery life
• Low battery indicator
• Not recommended for testing tamper-resistant outlets;
use Cat. Nos. NCVT-2P or NCVT-3P in low voltage mode
CAT IV
1000V
3 m
0 m IP00
5001748
IP67
NCVT1XT
NCVT1XTKIT
Non-Contact Voltage and GFCI
Receptacle Premium Test Kit
(Cat. No. NCVT1XTKIT) includes the NEW
Non-Contact Voltage Tester (Cat. No. NCVT1XT)
and a GFCI Receptacle Tester (Cat. No. RT210).
The GFCI Receptacle Tester (Cat. No. RT210) is designed
to detect the most common wiring problems in standard
and GFCI receptacles.
When voltage is detected,
a high intensity, bright red
LED illuminates and an
audible tone will sound
Easy access to
battery compartment
N C V T 1X T
N ON - C ON TAC T VOLTAGE T E S T E R
D us t p r o o f a n d w a t e r p r o o f w i t h d u r a b l e 3 m d r o p p r o t ec ti o n
© 2022 Klein Tools, Inc.
Lincolnshire, IL 60069
MKT120922 Rev. 12/22 A
www.kleintools.com
See our complete line of Test and Measurement
Cat. No.
UPC
0-92644+
Description
Voltage
Batteries
Ingress
Protection
Drop
Protection
NCVT1XT
69383-0
Non-Contact Voltage Tester
70 to 1000V AC 2 x AAA
IP67
9.8' (3 m)
Kit
NCVT1XTKIT 69390-8
Non-Contact Voltage and GFCI
Receptacle Premium Test Kit
Includes: Cat. No. NCVT1XT Non-Contact Voltage Tester; Cat. No.
RT210 GFCI Outlet Tester; Instructions; and All Required Batteries
Visit www.kleintools.com for warnings and instructions.


Similar Part No. - NCVT1XT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NCVT1PKIT ETC-NCVT1PKIT Datasheet
348Kb / 1P
Non-Contact Voltage and GFCI Receptacle Test Kit
More results

Similar Description - NCVT1XT

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
DV24 EXTECH-DV24 Datasheet
52Kb / 1P
Non-Contact Voltage Detector and Flashlight
ET34 EXTECH-ET34 Datasheet
120Kb / 1P
Voltage and Continuity Tester
VT30 EXTECH-VT30 Datasheet
242Kb / 7P
LCD Multifunction Voltage Tester
VT10 EXTECH-VT10 Datasheet
254Kb / 6P
Multifunction Voltage Tester
logo
Pomona Electronics
7290 POMONA-7290 Datasheet
94Kb / 1P
LumaVolt, Non Contact AC Voltage Detector
logo
Extech Instruments Corp...
PRT200 EXTECH-PRT200 Datasheet
208Kb / 1P
Non-Contact Phase Sequence Tester
VT10 EXTECH-VT10_15 Datasheet
195Kb / 1P
Multifunction Voltage Tester
logo
Fluke Corporation
T150 FLUKE-T150 Datasheet
1Mb / 4P
Voltage Continuity Tester
logo
PHOENIX CONTACT
1209091 PHOENIX-1209091 Datasheet
60Kb / 3P
Voltage tester - DUSPOL EXPERT
09/11/2020
logo
Fluke Corporation
117 FLUKE-117 Datasheet
382Kb / 2P
Electrician’s Multimeter with Non-Contact Voltage
8/2006
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com