Electronic Components Datasheet Search
  English  ▼

X  

TRACERDAQPRO Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # TRACERDAQPRO
Description  Single-Channel Thermocouple Measurement Device
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TRACERDAQPRO Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TRACERDAQPRO Datasheet HTML 1Page - List of Unclassifed Manufacturers TRACERDAQPRO Datasheet HTML 2Page - List of Unclassifed Manufacturers TRACERDAQPRO Datasheet HTML 3Page - List of Unclassifed Manufacturers TRACERDAQPRO Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Measurement Computing
(508) 946-5100
4
info@mccdaq.com
mccdaq.com
USB-2001-TC
September 2019. Rev 3
DS USB-2001-TC
© Measurement Computing Corporation
Bus interface
USB specification: USB 2.0 Full-Speed
Device compatibility: USB 1.1, USB 2.0
Mechanical
Dimensions (L × W × H): 62.56 × 38.10 × 20.32 mm
2.46 in. (L) × 1.50 in. (W) × 0.80 in. (H)
Cable Length: 2 meters (6.5 feet)
Weight: Approximately 116 g (4.1 oz)
Ordering
Environment
Operating temperature range: 0 °C to 55 °C
Storage temperature range: –40 °C to 85 °C
Operating humidity: 10 to 90% non-condensing
Storage humidity: 5 to 95% RH, noncondensing
Maximum altitude: 2,000 m (6,561.68 feet) (at 25 °C ambient temperature)
Pollution degree: 2
The USB-2001-TC is intended for indoor use only.
Order Information
Hardware
Part No.
Description
USB-2001-TC
USB-based single-channel thermocouple measurement
device.
Accessories
Part No.
Description
ACC-TC-J-001
Type J Thermocouple, 36 in. leads with STD miniconnector
CN-144-JM
Type J male thermocouple connector
CN-144-KM
Type K male thermocouple connector
CN-144-TM
Type T male thermocouple connector
745690-J001
J-type thermocouples wire, fiberglass
(0 °C to 482 °C, 32 °F to 900 °F), 1 m
745690-J002
J-type thermocouples wire, fiberglass
(0 °C to 482 °C, 32 °F to 900 °F), 2 m
745690-K001
K-type thermocouples wire, fiberglass
(0 °C to 482 °C , 32 °F to 900 °F), 1 m
745690-K002
K-type thermocouples wire, fiberglass
(0 °C to 482 °C, 32 °F to 900 °F), 2 m
745690-T001
T-type thermocouples wire, fiberglass
(0 °C to 482 °C, 32 °F to 900 °F), 1 m
745690-T002
T-type thermocouples wire, fiberglass
(0 °C to 482 °C, 32 °F to 900 °F), 2 m
Software also Available from MCC
Part No.
Description
TracerDAQ Pro
Out-of-the-box virtual instrument suite with strip chart,
oscilloscope, function generator, and rate generator –
professional version
DASYLab
Icon-based data acquisition, graphics, control, and analysis
software



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com