Electronic Components Datasheet Search
  English  ▼

X  

FPSC5002U Datasheet(PDF) 1 Page - Standex Electronics, Inc.

Part # FPSC5002U
Description  FPS-L
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANDEX [Standex Electronics, Inc.]
Direct Link  https://standexelectronics.com/
Logo STANDEX - Standex Electronics, Inc.

FPSC5002U Datasheet(HTML) 1 Page - Standex Electronics, Inc.

  FPSC5002U Datasheet HTML 1Page - Standex Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DRAWING NUMBER
REV.
Millimeters
2 Place Dec.
1 Place Dec.
When Unspecified
Scale :
Inches
2 Place Dec.
3 Place Dec.
Fractions
-
+
-+
+
-
Angles
TOLERANCES
DRAWING NUMBER
Dwn.
App'd.
TITLE
-
+
-+
+
-
Standex
Electronics
a
Standex company
DATE
CINCINNATI
OHIO
REV.
This drawing and the information and technical data contained hereon,
are confidential and proprietary to
Standex Electronics
and shall
not be used in whole or in part without
Standex
written consent
FPSC 5002U
4/2/2012
CCR
N/A
FPSC 5002U
3
3
X/X
.XXX
.XX
.X
.XX
X°
4/3/2012
DCJ
FPS-L
NOTES:
1. FLOAT MATERIAL: POLYPROPYLENE, WHITE
2. HOUSING AND RETAINER RING MATERIAL: POLYPROPYLENE, BLACK
3. O-RING MATERIAL: SILICONE
4. OPERATING TEMPERATURES UP TO 70°C
5. STORAGE TEMPERATURE UP TO 105°C
6. ELECTRICAL CHARACTERISTICS:
- POWER RATING (MAX)
50VA
- SWITCHING VOLTAGE (MAX)
200 VDC, 150 VAC
- BREAKDOWN VOLTAGE (MIN)
250VDC
- CONTACT ARRANGEMENT
SPST
- SWICHING CURRENT (MAX)
1.5 A DC, 1.5 A AC
- CARRY CURRENT (MAX)
2.5 A DC, 2.5 A AC
- CONTACT RESISTANCE
100 m
- INSULATION RESISTANCE (MIN)
10¹²
- SWITCH AGENCY LISTED
UL E122752
7. WIRE CONNECTIONS: 18AWG UL1007/1569 OR UL2468
8. FLOAT SPECIFIC GRAVITY: 0.75 (REFERENCE ONLY)
9. PLASTIC MATERIAL REGULATORY COMPLIANCE: FDA, RoHS, UL
10. CONFORMS TO UL508
11. MUST PASS MINIMUM OF 30 LBS. WIRE PULL TEST USING DEAD
WEIGHT FOR ONE MINUTE
BOM FOR PACKAGE
ITEM
QTY.
SENSOR
1
ELBOW 90°
1
SPIGOT
1
NPT BUSHING
1
WARNING LABEL
1
INSTRUCTIONS
1
* ITEMS REQUIRED FOR ASSEMBLY
- PVC CEMENT
- TEFLON TAPE
3/4" NPT SPIGOT
1" TO 3/4" NPT
THREADED BUSHING
1" PVC ELBOW
SENSOR
WIRE: 6 FEET
INSTALLATION INSTRUCTIONS
* REMOVE SENSOR PRIOR TO INSTALLATION
* DO NOT GLUE SENSOR TO HOUSING
* PLUG DRAIN AND FILL PAN TO CONFIRM
SENSOR FUNCTION AFTER INSTALLATION
* REMOVE SENSOR TO CLEAN & INSPECT
.09" ±.10
WATER LEVEL @
SENSOR ACTIVATION
PIPE CENTERLINE
1.06"
2.18"
2.50"
MARKING
DETAIL
MARKING LOCATION


Similar Part No. - FPSC5002U

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
FPSC5002U MEDER-FPSC5002U Datasheet
70Kb / 2P
FLOAT MATERIAL: POLYPROPYLENE, WHITE
More results

Similar Description - FPSC5002U

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
Fairchild Power Switch(FPS)
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
Fairchild Power Switch(FPS)
KA1M0880D FAIRCHILD-KA1M0880D Datasheet
114Kb / 10P
Power Switch(FPS)
KA5S FAIRCHILD-KA5S_03 Datasheet
213Kb / 16P
Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
Fairchild Power Switch (FPS??
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
Fairchild Power Switch(FPS)
logo
Standex Electronics, In...
FPSC5001U STANDEX-FPSC5001U Datasheet
130Kb / 1P
FPS-T
REV.3 4/3/2012
FSC5002U STANDEX-FSC5002U Datasheet
42Kb / 1P
FPS-B
REV.3 4/3/2012
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com