Electronic Components Datasheet Search
  English  ▼

X  

MS10-S Datasheet(PDF) 1 Page - Standex Electronics, Inc.

Part # MS10-S
Description  MS10-S SERIES MAGNETIC FLOAT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANDEX [Standex Electronics, Inc.]
Direct Link  https://standexelectronics.com/
Logo STANDEX - Standex Electronics, Inc.

MS10-S Datasheet(HTML) 1 Page - Standex Electronics, Inc.

  MS10-S Datasheet HTML 1Page - Standex Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
36,50 ±0,50
38 ±0,50
A
A
Type and p/n of the float
mark also the position of
magnet in the float
Typ und Artikelnummer
des Schwimmers markieren
auch die Magnetposition
im Schwimmer
9,50 ±0,20
A-A
toothed lock washer-stainless steel
Zahnscheibe-Edelstahl
ring magnet, axial magnetized
Ringmagnet, axial magnetisiert
toothed lock washer-stainless steel
Zahnscheibe-Edelstahl
welded
geschweißt
welded
geschweißt
welded
geschweißt
N
S
marking applyed by LASER
process
Markierung durch LASER-
Verfahren angebracht
a
a
Float
Material
Stainless steel AISI 316L (V4A)
Colour
metalic polish
Density (delivery
status)
N/A
g/cm³
Magnet
Type
Ring magnet
Material
Hard ferrite C1
Density typ.
N/A
g/cm³
Article.No
4003004149
Min.
Typ.
Max.
Magnetic moment
(MS150)
4,6
5,2
5,8
µVs*cm
Floatingmagnet
Remarks
axial magnetized
Protection class
N/A
Min.
Typ.
Max.
Overall weight
9,9
10,7
11,5
g
Overall density
N/A
g/cm³
Recommendation for min. density of the used medium: Overall density of the
Floatmagnet +20%
checked:
www.standexmeder.com
Application
Tolerance
Surface
Scale:
Weight:
created:
Sheet size:
dimensions in:
Art.Nr./DrawingNr.
page
of
Rev. state change
date
name
Material:
DIN ISO 2768-m
2:1
---
10.07.2013
wkovacs
A3
2500000030
1
1
01
a
issued in swx, previous versions
archived in Navision
descrip. and materia of toothed
washer added (stainless steel)
04.10.2016
04.10.2016 w.k
w.k.
MS10-S
StandexMeder
Electronics GmbH
Robert-Bosch-Str.4
78224 Singen
Tel.:+49(0)7731/8399-0
Fax:+49(0)7731/8399-30
PROPRIETARY AND CONFIDENTIAL
THE INFORMATION CONTAINED IN THIS DRAWING IS
THE SOLE PROPERTY OF StandexMeder Electronics GmbH. ANY
REPRODUCTION IN PART OR AS A WHOLE WITHOUT
THE WRITTEN PERMISSION OF StandexMeder Electronics GmbH
IS PROHIBITED.
mm
Tool Nr.


Similar Part No. - MS10-S

ManufacturerPart #DatasheetDescription
logo
Altech corporation
MS10 ALTECH-MS10 Datasheet
774Kb / 8P
MS016
logo
Laird Tech Smart Techno...
MS10 LSTD-MS10 Datasheet
541Kb / 2P
Environmentally friendly
logo
Advanced Power Technolo...
MS1000 ADPOW-MS1000 Datasheet
98Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
MS1001 ADPOW-MS1001 Datasheet
118Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
logo
Microsemi Corporation
MS1002 MICROSEMI-MS1002 Datasheet
131Kb / 2P
10 AMP SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MS10-S

ManufacturerPart #DatasheetDescription
logo
Standex Electronics, In...
MS01-NBR STANDEX-MS01-NBR Datasheet
193Kb / 1P
MS01-NBR Series Magnetic Float
REV.04 13.04.16
MS01-PA STANDEX-MS01-PA Datasheet
109Kb / 1P
MS01-PA SERIES MAGNETIC FLOAT
Version: 04
MS01-PP STANDEX-MS01-PP Datasheet
85Kb / 1P
MS01-PP SERIES MAGNETIC FLOAT
Version: 05 01.12.10
MS02-NBR STANDEX-MS02-NBR Datasheet
111Kb / 1P
MS02-NBR SERIES MAGNETIC FLOAT
REV.07 12.02.14
MS02-PA STANDEX-MS02-PA Datasheet
68Kb / 1P
MS01-PA SERIES MAGNETIC FLOAT
Version: 14 14.01.11
MS03-PP STANDEX-MS03-PP Datasheet
158Kb / 1P
MS03-PP SERIES MAGNETIC FLOAT
REV.07 28.07.15
MS04-PP STANDEX-MS04-PP Datasheet
61Kb / 1P
MS04-PP SERIES MAGNETIC FLOAT
Version: 02 06.04.09
MS06-2-PP STANDEX-MS06-2-PP Datasheet
143Kb / 2P
MS06-PP SERIES MAGNETIC FLOAT
Version: 02 09.06.11
MS08-PP STANDEX-MS08-PP Datasheet
171Kb / 1P
MS08-PP SERIES MAGNETIC FLOAT
Version: 03
MS09-S STANDEX-MS09-S Datasheet
170Kb / 1P
MS09-S SERIES MAGNETIC FLOAT
Rev.01 04.09.2012
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com