Electronic Components Datasheet Search
  English  ▼

X  

CAP200DG Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # CAP200DG
Description  Zero1 Loss Automatic X Capacitor Discharge IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

CAP200DG Datasheet(HTML) 1 Page - Power Integrations, Inc.

  CAP200DG Datasheet HTML 1Page - Power Integrations, Inc. CAP200DG Datasheet HTML 2Page - Power Integrations, Inc. CAP200DG Datasheet HTML 3Page - Power Integrations, Inc. CAP200DG Datasheet HTML 4Page - Power Integrations, Inc. CAP200DG Datasheet HTML 5Page - Power Integrations, Inc. CAP200DG Datasheet HTML 6Page - Power Integrations, Inc. CAP200DG Datasheet HTML 7Page - Power Integrations, Inc. CAP200DG Datasheet HTML 8Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CAP200DG
CAPZero-2
Zero1 Loss Automatic X Capacitor Discharge IC
www.power.com
November 2018
This Product is Covered by Patents and/or Pending Patent Applications.
Component Table
Product3
BV
DSS
Total
X Capacitance
Total Series
Resistance2
(R1 + R2)
CAP200DG
1000 V
100 nF to 6 mF
7.5 MW to 142 kW
Table 1. Component Table.
Notes:
1. IEC 62301 clause 4.5 rounds standby power use below 5 mW to zero.
2. Values are nominal. RC time constant is <1 second.
3. Packages: D: SO-8.
Product Highlights
• One part to cover X capacitor values from 100 nF to 6 mF
• Blocks current through X capacitor discharge resistors when AC
voltage is connected
• Automatically discharges X capacitors through discharge resistors
when AC is disconnected
• Simplifies EMI filter design – larger X capacitor allows smaller
inductive components with no change in consumption
• Only two terminals – meets safety standards for use before or after
system input fuse
• >4 mm creepage on package and PCB
• Self supplied – no external bias required
• High common mode surge immunity – no external ground connection
• High differential surge withstand – 1000 V internal MOSFETs
• NEMKO and CB certification (issued by UL and NEMKO)
EcoSmart™– Energy Efficient
• <5 mW consumption at 230 VAC for all X capacitor values
Applications
• All AC-DC converters with X capacitors of 100 nF up to 6 mF
• Appliances requiring EuP Lot 6 compliance
• Adapters requiring ultra low no-load consumption
• All converters requiring very low standby power
• Lossless generation of zero crossing signal
Description
When AC voltage is applied, CAP200DG blocks current flow in the
X capacitor safety discharge resistors, reducing the power loss to less
than 5 mW, or essentially zero1 at 230 VAC. When AC voltage is
disconnected, CAP200DG automatically discharges the X capacitor by
connecting the series discharge resistors. This operation allows total
flexibility in the choice of the X capacitor to optimize differential mode
EMI filtering and reduce inductor costs, with no change in power
consumption.
Designing with CAP200DG is simply a matter of selecting the appropri-
ate external resistor values for the X capacitor value being used to
achieve the necessary time constant. The simplicity and ruggedness of
the two terminal CAP200DG IC makes it an ideal choice in systems
designed to meet EuP Lot 6 requirements.
Figure 1. Typical Application – Not a Simplified Circuit.
Figure 2. SO-8 D Package.
PI-7507-012015
D1
R1
AC
R2
X Capacitor
CAP200DG
D2
MOV
and Other
EMI Filter
Components


Similar Part No. - CAP200DG

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CAP200 MACOM-CAP200 Datasheet
109Kb / 2P
CAP200 Series Contactor With 1 Form A (SPST-NO) Contacts Rated up to 500 Amps, 12-900VDC
logo
TE Connectivity Ltd
CAP200 TEC-CAP200 Datasheet
268Kb / 2P
KILOVAC High Voltage DC Contactors
logo
Tyco Electronics
CAP200AAAEA MACOM-CAP200AAAEA Datasheet
109Kb / 2P
CAP200 Series Contactor With 1 Form A (SPST-NO) Contacts Rated up to 500 Amps, 12-900VDC
CAP200AAAEC MACOM-CAP200AAAEC Datasheet
109Kb / 2P
CAP200 Series Contactor With 1 Form A (SPST-NO) Contacts Rated up to 500 Amps, 12-900VDC
CAP200AAAFA MACOM-CAP200AAAFA Datasheet
109Kb / 2P
CAP200 Series Contactor With 1 Form A (SPST-NO) Contacts Rated up to 500 Amps, 12-900VDC
More results

Similar Description - CAP200DG

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
CAP002DG POWERINT-CAP002DG Datasheet
604Kb / 8P
Zero Loss Automatic X Capacitor Discharge IC
CAP004DG-TL POWERINT-CAP004DG-TL Datasheet
604Kb / 8P
Zero1 Loss Automatic X Capacitor Discharge IC
CAP002DG-TL POWERINT-CAP002DG-TL Datasheet
604Kb / 8P
Zero Loss Automatic X Capacitor Discharge IC
logo
NXP Semiconductors
TEA1708T PHILIPS-TEA1708T Datasheet
116Kb / 11P
GreenChip X capacitor discharge IC
Rev. 1-25 September 2013
logo
TT Electronics.
CDR TTELEC-CDR_17 Datasheet
346Kb / 3P
Capacitor Discharge Resistors
logo
Ohmite Mfg. Co.
GSERIES OHMITE-GSERIES Datasheet
317Kb / 2P
Capacitor Discharge
logo
NXP Semiconductors
TEA19363T NXP-TEA19363T Datasheet
327Kb / 34P
GreenChip SMPS primary side control IC with QR/DCM operation and X-capacitor discharge
Rev. 1-20 October 2016
TEA1708T NXP-TEA1708T_V01 Datasheet
210Kb / 12P
GreenChip X capacitor discharge IC
Rev. 1.1 ??6 April 2020
logo
Power Integrations, Inc...
CAP300DG POWERINT-CAP300DG Datasheet
800Kb / 8P
Zero1 Loss Automatic X Capacitor Rapid Discharge IC with Optional Lossless Zero Crossing Signal Generator
November 2021
SEN012 POWERINT-SEN012_V01 Datasheet
956Kb / 8P
Zero1 Loss High Voltage Sense Signal Disconnect IC
May 2015
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com