Electronic Components Datasheet Search
  English  ▼

X  

CAP300DG Datasheet(PDF) 4 Page - Power Integrations, Inc.

Part # CAP300DG
Description  Zero1 Loss Automatic X Capacitor Rapid Discharge IC with Optional Lossless Zero Crossing Signal Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

CAP300DG Datasheet(HTML) 4 Page - Power Integrations, Inc.

  CAP300DG Datasheet HTML 1Page - Power Integrations, Inc. CAP300DG Datasheet HTML 2Page - Power Integrations, Inc. CAP300DG Datasheet HTML 3Page - Power Integrations, Inc. CAP300DG Datasheet HTML 4Page - Power Integrations, Inc. CAP300DG Datasheet HTML 5Page - Power Integrations, Inc. CAP300DG Datasheet HTML 6Page - Power Integrations, Inc. CAP300DG Datasheet HTML 7Page - Power Integrations, Inc. CAP300DG Datasheet HTML 8Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Rev. E 11/21
4
CAP300DG
www.power.com
NOTES:
A. Saturation current specifications ensure a natural RC discharge characteristic at all voltages up to 265 VAC peak with the external resistor
values specified in Table 1.
B. Specifications are guaranteed by characterization and design.
Absolute Maximum Ratings(4)
DRAIN Pin Voltage(1) ............................................................1000 V
DRAIN Peak Current(2).........................................................10.9 mA
Storage Temperature ..............................................-65 °C to 150 °C
Lead Temperature(3)..............................................................260 °C
Operating Ambient Temperature..............................-20 °C to 105 °C
Maximum Junction Temperature..............................-20 °C to 110 °C
Notes:
1. Voltage of D1 pin relative to D2 pin in either polarity.
2. The peak DRAIN current is allowed while the DRAIN voltage is
simultaneously less than 400 V.
3. 1/16 in. from case for 5 seconds.
4. The Absolute Maximum Ratings specified may be applied one at a
time without causing permanent damage to the product.
Exposure to Absolute Maximum Rating conditions for extended
periods of time may affect product reliability.
Parameter
Symbol
Conditions
T
A = -20 to 105 °C
(Unless Otherwise Specified)
Min
Typ
Max
Units
Control Functions
AC Removal
Detection Time
t
DETECT
Line Cycle Frequency 47-63 Hz
22
31.4
ms
Drain Saturation
CurrentA,B
I
DSAT
CAP300DG
6.3
mA
Supply Current
I
SUPPLY
T
A = 25 °C
21.7
m
A
Thermal Resistance
Thermal Resistance: D Package(1):
(q
JA).................160 °C/W (Single layer JEDEC PCB)
(q
JC).......................................... 40 °C/W (Bottom)
(q
JC)............................................... 75 °C/W (Top)
Notes:
1. Reference thermal resistance test conditions: JEDEC JESD51-3,
SEMI Test Method #G43-87, and MIL-STD-883 Method 10121.1.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com