Electronic Components Datasheet Search
  English  ▼

X  

CHY101D Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # CHY101D
Description  Charger Interface Physical Layer IC with Output Overvoltage Protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

CHY101D Datasheet(HTML) 2 Page - Power Integrations, Inc.

  CHY101D Datasheet HTML 1Page - Power Integrations, Inc. CHY101D Datasheet HTML 2Page - Power Integrations, Inc. CHY101D Datasheet HTML 3Page - Power Integrations, Inc. CHY101D Datasheet HTML 4Page - Power Integrations, Inc. CHY101D Datasheet HTML 5Page - Power Integrations, Inc. CHY101D Datasheet HTML 6Page - Power Integrations, Inc. CHY101D Datasheet HTML 7Page - Power Integrations, Inc. CHY101D Datasheet HTML 8Page - Power Integrations, Inc. CHY101D Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Rev. C 08/16
2
CHY101
www.power.com
Pin Functional Description
GROUND (GND) Pin:
Ground.
V1 Pin:
Open Drain input of output voltage adjustment switch.
Active for 9 V and 12 V output setting. Connection for optocoupler
diode for primary-side latching OVP.
V2 Pin:
Open Drain input of output voltage adjustment switch.
Active for 12 V output setting. Connection for optocoupler diode for
primary-side latching OVP.
OV Pin:
Output overvoltage detection connected to the output through a
sense resistor.
BYPASS (BP) Pin:
Connection point for an external bypass capacitor for the internally
generated supply voltage.
REFERENCE (R) Pin:
Connected to internal band-gap reference. Provides reference
current through connected resistor.
PI-7207-011415
D Package (SO-8)
OV
GND
V1
1
2
V2
3
4
8
7
6
5
BP
R
D+
D-
Figure 3. Functional Block Diagram.
Figure 4. Pin Configuration.
+
+
+
+
+
REFERENCE
(R)
6 V
3.9 V
2 V
0.325 V
0.325 V
19.53 kΩ
2 V
N3
N1
N2
N4
N5
D-
D+
BYPASS
(BP)
V1
OV
V2
GROUND
(GND)
S SET
CLR
R
Q
CONTROL
LOGIC
(LOOKUP
TABLE)
BANDGAP
Q
PI-7206-011415
IV1(OV)
IV1(TH)
DATA LINE (D+) Pin:
USB D+ data line input.
DATA LINE (D-) Pin:
USB D- data line input.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com