Electronic Components Datasheet Search
  English  ▼

X  

DPA424 Datasheet(PDF) 21 Page - Power Integrations, Inc.

Part # DPA424
Description  Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DPA424 Datasheet(HTML) 21 Page - Power Integrations, Inc.

Back Button DPA424 Datasheet HTML 17Page - Power Integrations, Inc. DPA424 Datasheet HTML 18Page - Power Integrations, Inc. DPA424 Datasheet HTML 19Page - Power Integrations, Inc. DPA424 Datasheet HTML 20Page - Power Integrations, Inc. DPA424 Datasheet HTML 21Page - Power Integrations, Inc. DPA424 Datasheet HTML 22Page - Power Integrations, Inc. DPA424 Datasheet HTML 23Page - Power Integrations, Inc. DPA424 Datasheet HTML 24Page - Power Integrations, Inc. DPA424 Datasheet HTML 25Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Rev. V 10/22
21
DPA423-426
www.power.com
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = -40 to 125 °C
See Figure 33
(Unless Otherwise Specified)
Min
Typ
Max
Units
Control Functions
Switching
Frequency
f
OSC
T
J = 25 °C
FREQUENCY Pin
Connected to SOURCE
375
400
425
kHz
FREQUENCY Pin
Connected to CONTROL
282
300
317
Duty Cycle (Prior to
Cycle Skipping)
DC
MIN
4
6
%
Maximum Duty Cycle
DC
MAX
I
C = ICD1
V
L = 0 V
71
75
79
%
I
L = 80 µA
52
62
71
I
L = 115 µA
32
42
57
Control Current at
Start of Cycle Skipping
I
C(SKIP)
T
J = 25 °C; fOSC = 400 kHz
DPA423
7.2
9.0
mA
DPA424
8.2
10.0
DPA425
10.0
12.0
DPA426
11.5
14.0
External Bias
Current
I
B
T
J = 25 °C; fOSC = 400 kHz
DPA423
2
2.8
3.5
mA
DPA424
2.5
3.5
4.4
DPA425
3.6
4.8
6.0
DPA426
4.4
5.7
7.1
Absolute Maximum Ratings(1,4)
DRAIN Voltage ....................................................-0.3 V to 220 V
DRAIN Peak Current:
DPA423......................................1.75 A
DPA424....................................... 3.5 A
DPA425...........................................7 A
DPA426....................................... 9.6 A
CONTROL Voltage .................................................-0.3 V to 9 V
CONTROL Current .........................................................100 mA
LINE SENSE Pin Voltage ........................................ -0.3 V to 9 V
EXTERNAL CURRENT LIMIT Pin Voltage ............... -0.3 V to 9 V
FREQUENCY Pin Voltage ....................................... -0.3 V to 9 V
Storage Temperature .......................................-65 °C to 150 °C
Operating Junction Temperature(2)....................-40 °C to 150 °C
Lead Temperature(3) ....................................................... 260 °C
Notes:
1. All voltages referenced to SOURCE, T
A = 25 °C.
2. Normally limited by internal circuitry.
3. 1/16” from case for 5 seconds.
4. Maximum ratings specified may be applied, one at a time,
without causing permanent damage to the product.
Exposure to Absolute Maximum Rating conditions for
extended periods of time may affect product reliability.
Thermal Resistance
Thermal Resistance: P or G Package:
(
q
JA) ................................ 70 °C/W
(1)
; 60 °C/W(2)
(
q
JC)
(3)
..................................................11 °C/W
R Package:
(
q
JA).................................................. 40 °C/W
(4)
(
q
JA).................................................. 30 °C/W
(5)
(
q
JC)
(6)
....................................................2 °C/W
Notes:
1. Soldered to 0.36 sq. in. (232 mm2), 2 oz. (610 g/m2) copper clad.
2. Soldered to 1 sq. in. (645 mm2), 2 oz. (610 g/m2) copper clad.
3. Measured on pin 7 (SOURCE) close to plastic interface.
4. Soldered to 1 sq. in. (645 mm2), 2 oz. (610 g/m2) copper clad.
5. Soldered to 3 sq. in. (1935 mm2), 2 oz. (610 g/m2) copper clad.
6. Measured at the back surface of tab.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com