Electronic Components Datasheet Search
  English  ▼

X  

IMX102U Datasheet(PDF) 13 Page - Power Integrations, Inc.

Part # IMX102U
Description  2 Constant Voltage and 4 Channel Dimming LED Backlight CC Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

IMX102U Datasheet(HTML) 13 Page - Power Integrations, Inc.

Back Button IMX102U Datasheet HTML 9Page - Power Integrations, Inc. IMX102U Datasheet HTML 10Page - Power Integrations, Inc. IMX102U Datasheet HTML 11Page - Power Integrations, Inc. IMX102U Datasheet HTML 12Page - Power Integrations, Inc. IMX102U Datasheet HTML 13Page - Power Integrations, Inc. IMX102U Datasheet HTML 14Page - Power Integrations, Inc. IMX102U Datasheet HTML 15Page - Power Integrations, Inc. IMX102U Datasheet HTML 16Page - Power Integrations, Inc. IMX102U Datasheet HTML 17Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Rev. D 11/20
13
InnoMux
www.power.com
Protection Features and Fault Handling
Overload / Maximum Power Protection and Maximum
Power Limit
Maximum Power Protection:
Overload / Short-Circuit Protection
The CV1, CV2 and VLED outputs have a maximum power protection.
The simplest part of the protection is to detect whether the output is
more than 10% (CV outputs) or more than 1% (V
LED output) below set
point. If this condition persists for more than 32 switching cycles,
then the output is assumed to be overloaded; either the output has a
short-circuit or the overall power capability of the power supply has
been exceeded and it simply cannot keep the output in regulation.
Maximum Power Limit
The short-circuit fault protection forms an overall power limit but it
would allow the full output power to be drawn from a single output
without any further protection. Therefore, the power limit function also
includes an average frequency limit that has a user selectable level.
The power limit threshold for each of the three outputs is set by the
designer using external components on the two PLIM pins. Four
setting levels for each output are available.
The power limit measures the average frequency of switching pulses
to a specific output. If this frequency is above a preset threshold for
a certain amount of time, then a fault is flagged and the controller
will auto restart or latch-off.
For calculating the maximum power limit threshold, the frequency for
a specific output should be calculated as a fraction of the maximum
total output power.
f
P
P
f
LIMIT
MAX
OUTPUT MAX
MAX
#
=
^h
P
OUTPUT(MAX)
Maximum allowed power for this output
P
MAX
Maximum total output power
f
MAX
Operating frequency at maximum output power
f
LIMIT
Calculated maximum frequency for this output
The maximum overload duration is set such that the load is able to
draw at least double the nominal power for at least 10 ms, assuming
the load is not drawing more power than the power supply is
physically capable of delivering.
The power for CV2 is selected with the presence or absence of
capacitors on PLIM1 and PLIM2 as shown in the table below. If there
is no CV2 output then no capacitors are needed.
CV1 PLIM1
V
LED PLIM2
30 kHz
5.1 kΩ
5.1 kΩ
41 kHz
10 kΩ
10 kΩ
56 kHz
22 kΩ
22 kΩ
78 kHz
39 kΩ
39 kΩ
PLIM1
PLIM2
30 kHz
No Capacitor
No Capacitor
41 kHz
Capacitor
No Capacitor
56 kHz
No Capacitor
Capacitor
78 kHz
Capacitor
Capacitor
Table 3.
CV1 and VLED Power Limit Selection.
Table 4.
CV2 Power Limit Selection.
The time constant for the PLIM resistor and capacitor should be
chosen as T
PLIM. This defines the capacitor value for a given resistor.
Further details on setting the PLIM components can be found in the
applications section.
Output OV
Any output reaching the output overvoltage (V
OV) threshold will cause
a restart or latch-off of the controller. The output OV condition is
detected on the respective FB pins for the three outputs.
LED Fault Detection
During operation, the controller will continuously monitor the voltages
on the ICC pins. If a large asymmetry between the LED strings
(>V
ICC(OV)) is detected, the shorter string(s) will be disabled to prevent
excessive power dissipation in the controller. Any strings that go
open-circuit or short-circuit will also be disabled.
LED return short to ground will be detected by the power limit
protection, which will force a controller restart. After restart, the
affected string will be disabled.
Over-Temperature
The thermal protection circuitry continuously measures the controller
temperature. The threshold is set at T
PROT. When the temperature
rises above T
PROT, the InnoMux will disable the LEDs as well as the CV
outputs with hysteretic over-temperature protection; the LEDs and CV
outputs will remain disabled and the V
LED rail will be maintained at
V
STAYALIVE until the temperature drops below TPROT - THYST. The
controller will restart when the temperature has dropped below this
level.
If the temperature at any moment exceeds T
SD, the InnoMux will send
a latch-off request to the InnoSwitch3-MX.
Fault Handling
When a fault is flagged, the controller will either auto-restart or latch-off.
In the auto-restart condition, the InnoMux will stop requesting
switching cycles. This will cause the output rails to collapse. As
there will be no further requests, the InnoSwitch3-MX primary will
take back control after a pre-defined time-out and restart.
In the latch-off condition, the InnoMux will send a latch-off request
to the InnoSwitch3-MX and the primary will latch-off. This condition
will persist until the mains input power is cycled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com