Electronic Components Datasheet Search
  English  ▼

X  

LCS7265C Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # LCS7265C
Description  Off-Line LLC Switcher ICs with Integrated 600 V FREDFETs Synchronous Rectification and FluxLink Feedback
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LCS7265C Datasheet(HTML) 2 Page - Power Integrations, Inc.

  LCS7265C Datasheet HTML 1Page - Power Integrations, Inc. LCS7265C Datasheet HTML 2Page - Power Integrations, Inc. LCS7265C Datasheet HTML 3Page - Power Integrations, Inc. LCS7265C Datasheet HTML 4Page - Power Integrations, Inc. LCS7265C Datasheet HTML 5Page - Power Integrations, Inc. LCS7265C Datasheet HTML 6Page - Power Integrations, Inc. LCS7265C Datasheet HTML 7Page - Power Integrations, Inc. LCS7265C Datasheet HTML 8Page - Power Integrations, Inc. LCS7265C Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
Rev. D 11/22
2
HiperLCS-2
www.power.com
Figure 4. Primary Controller (Low-Side and High-Side), Block Diagram.
Figure 5. Safety Isolation and Secondary Controller Block Diagram.
PI-9293-021121
HS THERMAL
DETECT
LEVEL SHIFT
COMMUNICATIONS
GATE DRIVE &
AUTO DEAD TIME
CONTROL
BPH
GP
HD
FAULT
LOSSLESS
CURRENT SENSE
UV/OV
GATE DRIVE &
AUTO DEAD TIME
CONTROL
LEVEL SHIFT
COMMUNICATIONS
PRE-CHARGE
CONTROLLER
PP
INTERFACE
FAULT
OUT
LINE
UV/OV
BPL AND
5 V REGULATOR
SUPPLY
MANAGEMENT
BPH AND
5 V REGULATOR
SUPPLY
MANAGEMENT
BPH
HD
HB
S
GD
5VH
BPL
5VL
L
PP
BM
FL
GP
LS THERMAL
DETECT
HD
BPL
SenseFET
SenseFET
Power
FREDFET
Power
FREDFET
PI-9294-061421
G1
GS
GS
D1
D2
BPS
5VS
FB
CMP
IS
PS
GS
G2
FL
GP
5VL
GATE DRIVE
SUPPLY
GATE DRIVE
GATE DRIVE
D1 and D2
INTERFACE
BPS INPUT
5 V REGULAR
SUPPLY
MANAGEMENT
FB and CMP
INTERFACE
WINDING
SENSE
INTERFACE
PS
INTERFACE
FAULT
OUTPUT
RECEIVER
SAFETY
ISOLATED
TRANSMITTER
SAFETY
ISOLATED
SAFETY
ISOLATION
BARRIER
CONTROLLER
BPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com