Electronic Components Datasheet Search
  English  ▼

X  

LNK574 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # LNK574
Description  Zero No-Load or Zero Standby Consumption with up to 1 mW Output Load
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK574 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  LNK574 Datasheet HTML 1Page - Power Integrations, Inc. LNK574 Datasheet HTML 2Page - Power Integrations, Inc. LNK574 Datasheet HTML 3Page - Power Integrations, Inc. LNK574 Datasheet HTML 4Page - Power Integrations, Inc. LNK574 Datasheet HTML 5Page - Power Integrations, Inc. LNK574 Datasheet HTML 6Page - Power Integrations, Inc. LNK574 Datasheet HTML 7Page - Power Integrations, Inc. LNK574 Datasheet HTML 8Page - Power Integrations, Inc. LNK574 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Rev. D 11/15
2
LNK574/576
www.power.com
Figure 2
Functional Block Diagram.
Figure 3. Pin Configuration.
Pin Functional Description
DRAIN (D) Pin:
The power MOSFET drain connection provides internal operating
current for both startup and steady-state operation.
BYPASS/MULTI-FUNCTIONAL PROGRAMMABLE (BP/M) Pin:
An external bypass capacitor for the internally generated 5.85 V
supply is connected to this pin. The value of capacitor establishes
the power-down period. The minimum value of capacitor is 0.1 mF.
An overvoltage protection disables the switching if the current into
the pin exceeds 6.5 mA (I
SD).
FEEDBACK (FB) Pin:
During normal operation, switching of the power MOSFET is
controlled by this pin. MOSFET switching is disabled when a voltage
greater than an internal V
FB reference voltage is applied to the
FEEDBACK pin.
The V
FB reference voltage is internally adjusted from 1.70 V at full
load to 1.37 V at no-load in CV mode, and 1.70 V to 0.9 V in CC
mode. Below 0.9 V the part enters auto-restart operation.
SOURCE (S) Pin:
This pin is the power MOSFET source connection. It is also the
ground reference for the BYPASS and FEEDBACK pins.
PI-5507-060210
D Package (SO-8C)
BP/M
FB
D
1
2
4
8
7
6
5
S
S
S
S
PI-5509-032714
CLOCK
OSCILLATOR
5.85 V
4.85 V
6.5 V
3 V
PU
OVERVOLTAGE
PROTECTION
RESET
0.9 V
FAULT
SOURCE
(S)
S
R
Q
DCMAX
ADJ
AUTO-RESTART
COUNTER
RESET
JITTER
BYPASS/
MULTI FUNCTION
(BP/M)
+
-
VI
LIMIT
LEADING
EDGE
BLANKING
+
−
DRAIN
(D)
BYPASS PIN
UNDERVOLTAGE
CURRENT LIMIT
FEEDBACK
(FB)
OPEN LOOP
PULL UP
Q
+
REGULATOR
5.85 V
GENERATOR
FEEDBACK REF
1.70 V - 1.37 V
CC CUT BACK
1.70 V - 0.9 V
POWER-
DOWN
COUNTER
EVENT
COUNTER
SYSTEM
POWER
DOWN/
RESTART
PU
160 or 416
fOSC
CYCLES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com