Electronic Components Datasheet Search
  English  ▼

X  

LNK604 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # LNK604
Description  Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK604 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  LNK604 Datasheet HTML 1Page - Power Integrations, Inc. LNK604 Datasheet HTML 2Page - Power Integrations, Inc. LNK604 Datasheet HTML 3Page - Power Integrations, Inc. LNK604 Datasheet HTML 4Page - Power Integrations, Inc. LNK604 Datasheet HTML 5Page - Power Integrations, Inc. LNK604 Datasheet HTML 6Page - Power Integrations, Inc. LNK604 Datasheet HTML 7Page - Power Integrations, Inc. LNK604 Datasheet HTML 8Page - Power Integrations, Inc. LNK604 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Rev. L 10/20
2
LNK603-606/613-616
www.power.com
Pin Functional Description
DRAIN (D) Pin:
This pin is the power MOSFET drain connection. It provides internal
operating current for both start-up and steady-state operation.
BYPASS/MULTI-FUNCTIONAL PROGRAMMABLE (BP/M) Pin:
This pin has multiple functions:
1. It is the connection point for an external bypass capacitor for the
internally generated 6 V supply.
2. It is a mode selection for the cable drop compensation for
LNK61X series.
FEEDBACK (FB) Pin:
During normal operation, switching of the power MOSFET is controlled
by this pin. This pin senses the AC voltage on the bias winding. This
control input regulates both the output voltage in CV mode and output
current in CC mode based on the flyback voltage of the bias winding.
The internal inductance correction circuit uses the forward voltage on
the bias winding to sense the bulk capacitor voltage.
SOURCE (S) Pin:
This pin is internally connected to the output MOSFET source for
high-voltage power and control circuit common returns.
Figure 3.
Functional Block Diagram.
Figure 4. Pin Configuration.
PI-4908-012915
SOURCE
(S)
LEADING
EDGE
BLANKING
+
-
+
-
+
-
DRAIN
(D)
REGULATOR
6 V
BYPASS
(BP/M)
FEEDBACK
(FB)
SOURCE
(S)
FB
OUT
Reset
6 V
5 V
t
SAMPLE-OUT
t
SAMPLE-INPUT
V
ILIMIT
I
LIM
V
ILIMIT
V
TH
t
SAMPLE-OUT
t
SAMPLE-INPUT
V
ILIMIT
6.5 V
Drive
I
LIM
DC
MAX
DC
MAX
FB
Current Limit
Comparator
STATE
MACHINE
CABLE DROP
COMPENSATION
SAMPLE
DELAY
THERMAL
SHUTDOWN
OSCILLATOR
FAULT
Auto-Restart
Open-Loop
INDUCTANCE
CORRECTION
CONSTANT
CURRENT
D Q
PI-3491-020615
D
S
BP/M
S
S
FB
P Package (DIP-8C)
G Package (SMD-8C)
D Package (SO-8C)
8
5
7
1
4
2
S
6
FB
BP/M
D
1
2
4
8
7
6
5
S
S
S
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com