Electronic Components Datasheet Search
  English  ▼

X  

PFS5173F Datasheet(PDF) 12 Page - Power Integrations, Inc.

Part # PFS5173F
Description  PFC Controller with Integrated 750 V PowiGaN Optimized for High PF and Efficiency Across Load Range
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS5173F Datasheet(HTML) 12 Page - Power Integrations, Inc.

Back Button PFS5173F Datasheet HTML 8Page - Power Integrations, Inc. PFS5173F Datasheet HTML 9Page - Power Integrations, Inc. PFS5173F Datasheet HTML 10Page - Power Integrations, Inc. PFS5173F Datasheet HTML 11Page - Power Integrations, Inc. PFS5173F Datasheet HTML 12Page - Power Integrations, Inc. PFS5173F Datasheet HTML 13Page - Power Integrations, Inc. PFS5173F Datasheet HTML 14Page - Power Integrations, Inc. PFS5173F Datasheet HTML 15Page - Power Integrations, Inc. PFS5173F Datasheet HTML 16Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Rev. C 03/22
12
PFS5173-5178/5274
www.power.com
Safety of X Capacitor Discharge
X capacitor discharge function can be implemented by connecting D1
to one AC line input through an external series resistor and D2 to the
other AC input line input through a separate external resistor.
X capacitor discharge function meets safety requirements even if
connection is placed before the system input fuse. If a short-circuit is
placed between D1 and D2 terminals, the system is identical to
existing systems where X capacitor discharge function is not used.
With regard to open circuit tests, it is not possible to create a fault
condition through a single pin fault (for example lifted pin test) since
there are two pins connected to both D1 and D2. If several pins are
lifted to create an open-circuit, the condition is identical to an open
circuit X capacitor discharge resistor in existing systems where X
capacitor discharge function is not disabled.
Total X Capacitance
Total Series Resistance
100 nF to 6 µF
7.5 MΩ to 142 kΩ
Table 3.
X Capacitance and Discharge Resistance.
Test
Test With Existing System
CAPZero Equivalent
Comments
Open Circuit:
Disconnect one
pin of any
device to see
effect on
system
Open Circuit:
Lifting any one pin of D1 and
D2 pins has no effect as 2
pins are connected to each
drain terminal. The only way
to create an open circuit is by
lifting the leads of one of the
discharge resistors. This is
equivalent to an existing
system without the active
capacitor discharge function.
Short-Circuit:
Short any two
adjacent pins to
see effect on
system
Short-Circuit:
Shorting D1 and D2 pins
creates a condition equivalent
to an existing system not
using an active X capacitor
discharge function.
X Capacitor
AC
PI-6605a-110811
D1
R1
R2
D2
AC
PI-6604a-110811
D1
R2
D2
X Capacitor
CX
R2
AC
PI-5907-041310
CX
R2
R1
AC
PI-5908-041310
Table 4.
Single Point of Failure (SPOF) Tests as Pertaining to Failure Modes of the X Capacitor Discharge. HiperPFS-5 Device Passes Both Tests.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com