Electronic Components Datasheet Search
  English  ▼

X  

2N4036 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 2N4036
Description  PNP switching transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

2N4036 Datasheet(HTML) 3 Page - NXP Semiconductors

  2N4036 Datasheet HTML 1Page - NXP Semiconductors 2N4036 Datasheet HTML 2Page - NXP Semiconductors 2N4036 Datasheet HTML 3Page - NXP Semiconductors 2N4036 Datasheet HTML 4Page - NXP Semiconductors 2N4036 Datasheet HTML 5Page - NXP Semiconductors 2N4036 Datasheet HTML 6Page - NXP Semiconductors 2N4036 Datasheet HTML 7Page - NXP Semiconductors 2N4036 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1997 Jun 19
3
Philips Semiconductors
Product specification
PNP switching transistor
2N4036
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−−90
V
VCEO
collector-emitter voltage
open base
−−65
V
VEBO
emitter-base voltage
open collector
−−7V
IC
collector current (DC)
−−1A
ICM
peak collector current
−−1A
IBM
peak base current
−−500
mA
Ptot
total power dissipation
Tmb ≤ 25 °C
−
7W
Tstg
storage temperature
−55
+200
°C
Tj
junction temperature
−
200
°C
Tamb
operating ambient temperature
−55
+200
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-c
thermal resistance from junction to case
in free air
25
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB = −60 V
−−50
nA
IE = 0; VCB = −60 V; Tamb = 150 °C
−−5
µA
IEBO
emitter cut-off current
IC = 0; VEB = −4V
−−50
nA
hFE
DC current gain
IC = −0.1 mA; VCE = −10 V
20
−
IC = −150 mA; VCE = −2 V
20
200
IC = −150 mA; VCE = −10 V
40
140
IC = −150 mA; VCE = −10 V;
Tamb =55 °C
20
−
VCEsat
collector-emitter saturation voltage
IC = −150 mA; IB = −15 mA
−−650
mV
VBEsat
base-emitter saturation voltage
IC = −150 mA; IB = −15 mA
−−1.4
V
VBEon
base-emitter on-stage voltage
IC = −150 mA; VCE = −10 V
−−1.5
V
Cc
collector capacitance
IE =ie = 0; VCB = −10 V; f = 1 MHz
−
30
pF
fT
transition frequency
IC = −50 mA; VCE = −10 V; f = 100 MHz 60
−
MHz
Switching times (between 10% and 90% levels)
ton
turn-on time
ICon = −150 mA; IBon = −15 mA;
IBoff =15mA
−
110
ns
tr
rise time
−
70
ns
toff
turn-off time
−
700
ns
ts
storage time
−
600
ns
tf
fall time
−
100
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com