Electronic Components Datasheet Search
  English  ▼

X  

CMBZ5225 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CMBZ5225
Description  SILIICON PLANAR ZENER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CMBZ5225 Datasheet(HTML) 1 Page - Continental Device India Limited

  CMBZ5225 Datasheet HTML 1Page - Continental Device India Limited CMBZ5225 Datasheet HTML 2Page - Continental Device India Limited CMBZ5225 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SILIICON PLANAR ZENER DIODE
CMBZ 5225B
to
CMBZ5229B
SOT-23
General Purpose Zener Diode
ABSOLUTE MAXIMUM RATINGS(Tamb=25deg C)
DESCRIPTION
SYMBOL
VALUE
UNIT
Power Dissipation
Ptot
225
mW
Junction Temperature
TJ
150
dec C
Storage Temperature
Tstg
-55-150
dec C
(1) On infinite heatsink with 4mm Lead Length
ELECTRICAL CHARACTERISTICS (Tamb=25 deg C)
VF <0.9V @ 10mA
Device
Zener Voltage*
rZT
IZT
rZK
IZK
IR
VR
MARKING
VZ(+-5%)
nom
max
max
max
(V)
(ohm)
(mA)
(ohm)
(mA)
(uA)
(V)
CMBZ5225B
3.0
29
20
1600
0.25
50
1.0
18E
CMBZ5226B
3.3
28
20
1600
0.25
25
1.0
8A
CMBZ5227B
3.6
24
20
1700
0.25
15
1.0
8B
CMBZ5228B
3.9
23
20
1900
0.25
10
1.0
8C
CMBZ5229B
4.3
22
20
2000
0.25
5.0
1.0
8D
* Zener Voltage is measured after 40ms from the start of operating
Pin Configuration
1 = ANODE
2 = NC
3 = CATHODE
3
12
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CMBZ5225

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
CMBZ5225B RECTRON-CMBZ5225B Datasheet
21Kb / 2P
5% SOT-23 SURFACE MOUNT ZENER DIODE
More results

Similar Description - CMBZ5225

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
BZX83C CDIL-BZX83C Datasheet
223Kb / 4P
SILIICON PLANAR ZENER DIODES
BZM55C CDIL-BZM55C Datasheet
191Kb / 4P
SILIICON PLANAR ZENER DIODES
CMBZ5229B CDIL-CMBZ5229B Datasheet
108Kb / 4P
SILIICON PLANAR ZENER DIODES
CZMA3V9 CDIL-CZMA3V9 Datasheet
107Kb / 4P
SILIICON PLANAR ZENER DIODES
CZMK3V3 CDIL-CZMK3V3 Datasheet
218Kb / 4P
SILIICON PLANAR ZENER DIODES
CLL5227 CDIL-CLL5227 Datasheet
133Kb / 4P
SILIICON PLANAR ZENER DIODES
BZX55C2V4 CDIL-BZX55C2V4 Datasheet
104Kb / 4P
SILIICON PLANAR ZENER DIODES
BZV55C3V6 CDIL-BZV55C3V6 Datasheet
302Kb / 4P
SILIICON PLANAR ZENER DIODES
logo
New Jersey Semi-Conduct...
BZX83C NJSEMI-BZX83C Datasheet
132Kb / 2P
SILIICON PLANAR ZENER DIODES
logo
Continental Device Indi...
CZMA3V9-47V CDIL-CZMA3V9-47V Datasheet
203Kb / 4P
SILIICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com