Electronic Components Datasheet Search
  English  ▼

X  

M3231GCZ Datasheet(PDF) 1 Page - Heyco.

Part # M3231GCZ
Description  Heyco®-Tite Liquid Tight Cordgrips for Enphase Q Cables
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEYCO [Heyco.]
Direct Link  https://www.heyco.com/
Logo HEYCO - Heyco.

M3231GCZ Datasheet(HTML) 1 Page - Heyco.

  M3231GCZ Datasheet HTML 1Page - Heyco.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
“Stay Connected” with
Solar Power Components
®
1-4b
1-800-526-4182 • 732-286-1800 (NJ) • FAX: 732-244-8843 • www.heyco.com
Heyco®-Tite Liquid Tight Cordgrips for Enphase Q Cables
Straight-Thru, NPT Hubs with Integral Sealing Ring
The Ultimate in Liquid Tight Strain Relief Protection
• Two new cordgrips now accommodate
the Enphase Q Cable – M3231GCZ
(1/2˝ NPT) and M3234GDA-SM
(3/4˝ NPT).
• The 1/2˝ version provides liquid tight
entry for one Enphase Q Cable –
.24 x .38˝ (6,1 x 9,7 mm).
• The 3/4˝ version provides liquid tight
entry for up to two Enphase Q Cables –
.24 x .38” (6,1 x 9,7 mm) and an
additional .130” (3,3 mm) dia. hole for
a #8 solid grounding cable.
• The 3/4˝ version utilizes our skinned-
over technology so any unused holes
will retain a liquid tight seal.
• Rated for use with DG Cable.
Material
Nylon 6/6 with TPE Sealing Gland
Certifications
Listed under Underwriters’ Laboratories File E504900
CSA Certified by the Canadian Standards Association File 93876
Flammability Rating
94V-2
Temperature Range
Static -40°F (-40°C) to 239°F (115°C)
Dynamic -4°F (-20°C) to 212°F (100°C)
IP Rating
IP 68
GLAND
PART NO.
DESCRIPTION
PART DIMENSIONS
CONFIGURATION
AB
C
D
E
Conductors
or
Clearance Max. O.A. Thread
Wrenching Nut
Type
Size
No.
Black
Hole Dia.
Length
Length Thickness Flat Size
*
mm.
in.
mm. in.
mm. in. mm. in. mm. in. mm.
Oval Gland
Q Cable 6,1 x 9,7
1
M3231GCZ
LTCG 1/2 6.1x9.7MM
.875 22,2 1.70 43,2 .61 15,5 .21
5,3
.98 24,9
Break-Thru Skinned Over Gland
Q Cables
6,1 x 9,7
2
SMCG 3/4 2-6.1x9.7MM
plus
M3234GDA-SM
1.040 26,4 2.00 50,8 .62 15,7 .25
6,4 1.30 33,0
Ground
3,3
1
1-3.3MM
Metal Locknuts INCLUDED.
Heyco® Helios® UVX Clip – Blind Mount
• The jersey pine tree mounting style
installs easily with superior holding
power.
• UVX nylon protects from corrosion due
to outdoor exposure.
• Installs into .260˝ (6,6 mm) mounting
hole.
• Holds up to 2 cables between .230 -
.315˝ (5,8 - 8,0 mm) each.
• Cables install with fingertip pressure.
• Molded from our robust UVX nylon 6/6
with extended UV capabilities for our
Solar 20 Year Warranty.
Material
Nylon 6/6 with extended UV Capabilities
Flammability Rating
94V-2
Temperature Range
Dynamic -4°F (-20°C) to 185°F (85°C)
PANEL THICKNESS RANGE
WIRE DIAMETER
PART NO.
DESCRIPTION
MOUNTING OVERALL
RANGE
HOLE DIA.
HEIGHT
Minimum
Maximum
1-2 Wires
AC
in.
mm.
in.
mm.
in.
mm.
in. mm.
1-2 Wires
.028
0,7
.250
6,4
.23 (5,8 mm) - .32 (8,0 mm)
S6520
Helios UVX Clip 100 Pack
.260
6,6
.96 24,4
each cable
S6560
Helios UVX Clip Bulk
SUGGESTED CLEARANCE HOLE
FOR NONTHREADED MOUNTING
A
D
C
B
E
SEALING NUT
INTEGRAL
SEALING RING
ALL NEW
PRODUCT!
ALL NEW
PRODUCT!


Similar Part No. - M3231GCZ

ManufacturerPart #DatasheetDescription
logo
Heyco.
M3231GCF-SM HEYCO-M3231GCF-SM Datasheet
344Kb / 1P
Tite Liquid Tight Break-Thru™Cordgrips
M3231GCP-SM HEYCO-M3231GCP-SM Datasheet
344Kb / 1P
Tite Liquid Tight Break-Thru™Cordgrips
More results

Similar Description - M3231GCZ

ManufacturerPart #DatasheetDescription
logo
Heyco.
4500 HEYCO-4500 Datasheet
469Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
4530 HEYCO-4530 Datasheet
393Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
4560 HEYCO-4560 Datasheet
267Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
9760 HEYCO-9760 Datasheet
106Kb / 1P
Heyco®-Tite Metallic Liquid Tight Cordgrips
14830 HEYCO-14830 Datasheet
112Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
14905 HEYCO-14905 Datasheet
87Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
14945 HEYCO-14945 Datasheet
90Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
M3200GBH HEYCO-M3200GBH Datasheet
274Kb / 1P
Heyco®-Tite Liquid Tight Cordgrips
M3228GAP HEYCO-M3228GAP Datasheet
123Kb / 1P
Heyco®-Tite Liquid Tight Cordgrips
M3231GAB HEYCO-M3231GAB Datasheet
212Kb / 1P
Heyco®-Tite Liquid Tight Cordgrips
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com