Electronic Components Datasheet Search
  English  ▼

X  

CPBT720 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CPBT720
Description  PNP SILICON PLANAR SWITCHING TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CPBT720 Datasheet(HTML) 1 Page - Continental Device India Limited

  CPBT720 Datasheet HTML 1Page - Continental Device India Limited CPBT720 Datasheet HTML 2Page - Continental Device India Limited CPBT720 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PNP SILICON PLANAR SWITCHING TRANSISTOR
CPBT720
SOT-23
MARKING: C20
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Base Voltage
VCBO
35
V
Collector -Emitter Voltage
VCEO
40
V
Emitter Base Voltage
VEBO
5.0
V
Peak Pulse Current **
ICM
4.0
A
Continuous Collector Current
IC
1.50
A
Base Current
IB
500
mA
Power Dissipation @ Tamb=25 deg C *
Ptot
350
mW
Operating And Storage Junction
Tj, Tstg
-55 to +150
deg C
Temperature Range
*Maximum Power Dissipation is Calculated Assuming That The Device is Mounted on A Ceramic
Substrate Measuring 15x15x0.6mm
** Measured Under Pulsed Conditions. Pulse Width =300us, Duty Cycle=2%
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector -Base Voltage
VCBO
IC=100uA, IE=0
40
-
V
Collector -Emitter Voltage
VCEO*
IC=10mA, IB=0
35
-
V
Emitter Base Voltage
VEBO
IE=100uA, IC=0
5.0
-
V
Collector Cut off Current
ICBO
VCB=35V, IE=0
-
-
100
nA
ICES
VCE=35V, VEB=0
-
-
100
nA
Emitter Cut off Current
IEBO
VEB=4V, IC=0
-
-
100
nA
Collector Emitter Saturation Voltage
VCE(Sat)* IC=0.1A, IB=10mA
-
-
50
mV
IC=1A, IB=50mA
-
-
350
mV
IC=1.5A, IB=100mA
-
-
500
mV
Base Emitter Saturation Voltage
VBE(Sat)* IC=1.5A, IB=75mA
-
1.5
V
Base Emitter (on) Voltage
VBE(on)*
IC=1.5A,VCE=2V
-
-
1.0
V
DC Current Gain
hFE*
IC=10mA,VCE=2V
300
-
-
IC=0.1A,VCE=2V
300
-
-
IC=1A,VCE=2V
180
-
-
IC=1.5A,VCE=2V
60
-
-
IC=3A,VCE=2V
12
-
-
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
CPBT720
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Dynamic Characteristics
Transition Frequency
ft
VCE=10V,IC=50mA,
150
-
-
MHz
f=100MHz
Output Capacitance
Cobo
VCB=10V, f=1MHz
-
-
25
pF
** Measured Under Pulsed Conditions. Pulse Width =300us, Duty Cycle=2%
PIN CONFIGURATION (PNP)
1 = BASE
2 = EMITTER
3 = COLLECTOR
2
1
3
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CPBT720

ManufacturerPart #DatasheetDescription
logo
Canopus Electronics (H....
CPB10544 CANOPUS-CPB10544 Datasheet
359Kb / 1P
Piezo Buzzer (DC)
CPB10544HM15BW CANOPUS-CPB10544HM15BW Datasheet
359Kb / 1P
Piezo Buzzer (DC)
CPB10544HT26BW CANOPUS-CPB10544HT26BW Datasheet
359Kb / 1P
Piezo Buzzer (DC)
CPB10544IM15BW CANOPUS-CPB10544IM15BW Datasheet
359Kb / 1P
Piezo Buzzer (DC)
CPB10544IT26BW CANOPUS-CPB10544IT26BW Datasheet
359Kb / 1P
Piezo Buzzer (DC)
More results

Similar Description - CPBT720

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT2907 ZETEX-FMMT2907 Datasheet
41Kb / 2P
SOT23 PNP SILICON PLANAR SWITCHING TRANSISTOR
logo
List of Unclassifed Man...
FZT2907 ETC-FZT2907 Datasheet
39Kb / 2P
SOT223 PNP SILICON PLANAR SWITCHING TRANSISTOR
logo
Zetex Semiconductors
FMMT4125 ZETEX-FMMT4125 Datasheet
27Kb / 1P
SOT23 PNP SILICON PLANAR SWITCHING TRANSISTOR
logo
List of Unclassifed Man...
FZT4403 ETC-FZT4403 Datasheet
24Kb / 1P
SOT223 PNP SILICON PLANAR SWITCHING TRANSISTOR
ZTX510 ETC1-ZTX510 Datasheet
54Kb / 2P
PNP SILICON PLANAR HIGH SPEED SWITCHING TRANSISTOR
logo
Zetex Semiconductors
FMMT4126 ZETEX-FMMT4126 Datasheet
36Kb / 1P
SOT23 PNP SILICON PLANAR SWITCHING TRANSISTOR
ZUMT2907A ZETEX-ZUMT2907A Datasheet
28Kb / 2P
SOT323 PNP SILICON PLANAR SWITCHING TRANSISTOR
FXT2907A ZETEX-FXT2907A Datasheet
68Kb / 2P
PNP SILICON PLANAR SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZUMT2907A DIODES-ZUMT2907A Datasheet
29Kb / 2P
SOT323 PNP SILICON PLANAR SWITCHING TRANSISTOR
OCTOBER 1998
ZTX510 DIODES-ZTX510 Datasheet
55Kb / 2P
PNP SILICON PLANAR HIGH SPEED SWITCHING TRANSISTOR
MARCH 1994
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com