Electronic Components Datasheet Search
  English  ▼

X  

2N4401 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 2N4401
Description  NPN switching transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

2N4401 Datasheet(HTML) 2 Page - NXP Semiconductors

  2N4401 Datasheet HTML 1Page - NXP Semiconductors 2N4401 Datasheet HTML 2Page - NXP Semiconductors 2N4401 Datasheet HTML 3Page - NXP Semiconductors 2N4401 Datasheet HTML 4Page - NXP Semiconductors 2N4401 Datasheet HTML 5Page - NXP Semiconductors 2N4401 Datasheet HTML 6Page - NXP Semiconductors 2N4401 Datasheet HTML 7Page - NXP Semiconductors 2N4401 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1999 Apr 23
2
Philips Semiconductors
Product specification
NPN switching transistor
2N4401
FEATURES
• High current (max. 600 mA)
• Low voltage (max. 40 V).
APPLICATIONS
• Industrial and consumer switching applications.
DESCRIPTION
NPN switching transistor in a TO-92; SOT54 plastic
package. PNP complement: 2N4403.
PINNING
PIN
DESCRIPTION
1
collector
2
base
3
emitter
Fig.1
Simplified outline (TO-92; SOT54)
and symbol.
handbook, halfpage1
3
2
MAM279
1
2
3
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Transistor mounted on an FR4 printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
60
V
VCEO
collector-emitter voltage
open base
−
40
V
VEBO
emitter-base voltage
open collector
−
6V
IC
collector current (DC)
−
600
mA
ICM
peak collector current
−
800
mA
IBM
peak base current
−
200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
−
630
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
Tamb
operating ambient temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com