Electronic Components Datasheet Search
  English  ▼

X  

2N5087 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 2N5087
Description  PNP general purpose transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

2N5087 Datasheet(HTML) 3 Page - NXP Semiconductors

  2N5087 Datasheet HTML 1Page - NXP Semiconductors 2N5087 Datasheet HTML 2Page - NXP Semiconductors 2N5087 Datasheet HTML 3Page - NXP Semiconductors 2N5087 Datasheet HTML 4Page - NXP Semiconductors 2N5087 Datasheet HTML 5Page - NXP Semiconductors 2N5087 Datasheet HTML 6Page - NXP Semiconductors 2N5087 Datasheet HTML 7Page - NXP Semiconductors 2N5087 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1997 Jul 02
3
Philips Semiconductors
Product specification
PNP general purpose transistor
2N5087
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Transistor mounted on an FR4 printed-circuit board.
THERMAL CHARACTERISTICS
Note
1. Transistor mounted on an FR4 printed-circuit board.
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−−50
V
VCEO
collector-emitter voltage
open base
−−50
V
VEBO
emitter-base voltage
open collector
−−3V
IC
collector current (DC)
−−100
mA
ICM
peak collector current
−−200
mA
IBM
peak base current
−−200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
−
500
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
Tamb
operating ambient temperature
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
250
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB = −10 V
−−−10
nA
IE = 0; VCB = −35 V
−−−50
nA
IEBO
emitter cut-off current
IC = 0; VEB = −3V
−−−50
nA
hFE
DC current gain
IC = −100 µA; VCE = −5 V
250
−
800
IC = −1 mA; VCE = −5 V
250
−−
IC = −10 mA; VCE = −5 V
250
−−
VCEsat
collector-emitter saturation
voltage
IC = −10 mA; IB = −1mA
−−−300
mV
VBE
base-emitter voltage
IC = −1 mA; VCE = −5V
−−−850
mV
Cc
collector capacitance
IE =ie = 0; VCB = −5 V; f = 100 kHz
−−
4pF
Ce
emitter capacitance
IC =ic = 0; VEB = −500 mV; f = 1 MHz
−
12
−
pF
fT
transition frequency
IC = −500 µA; VCE = −5 V; f = 100 MHz 40
−−
MHz
F
noise figure
IC = −200 µA; VCE = −5 V; RS =2kΩ;
f = 10 Hz to 15.7 kHz
−−
3dB
IC = −200 µA; VCE = −5 V; RS =2kΩ;
f = 1 kHz; B = 200 Hz
−−
4dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com