Electronic Components Datasheet Search
  English  ▼

X  

136RVI Datasheet(PDF) 8 Page - Vishay Siliconix

Part # 136RVI
Description  Aluminum Electrolytic Capacitors Radial Very Low Impedance
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

136RVI Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button 136RVI Datasheet HTML 3Page - Vishay Siliconix 136RVI Datasheet HTML 4Page - Vishay Siliconix 136RVI Datasheet HTML 5Page - Vishay Siliconix 136RVI Datasheet HTML 6Page - Vishay Siliconix 136RVI Datasheet HTML 7Page - Vishay Siliconix 136RVI Datasheet HTML 8Page - Vishay Siliconix 136RVI Datasheet HTML 9Page - Vishay Siliconix 136RVI Datasheet HTML 10Page - Vishay Siliconix 136RVI Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
136 RVI
www.vishay.com
Vishay BCcomponents
Revision: 16-Mar-2021
8
Document Number: 28321
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IMPEDANCE (Z)
Fig. 9 - Typical multiplier of impedance as a function
of ambient temperature
Fig. 10 - Typical impedance as a function of frequency
Fig. 11 - Typical impedance as a function of frequency
Fig. 12 - Typical impedance as a function of frequency
Curve 1: 10 V
Curve 2: 50 V
Curve 3: 63 V
Z0 = Typical impedance at 20 °C, 100 kHz
UR = 10 V and 16 V
Curve 1: 470 µF, 16 V; Ø 10 x 16 mm
Curve 2: 680 µF, 10 V; Ø 10 x 16 mm
Curve 3: 1000 µF, 10 V; Ø 10 x 20 mm
Curve 4: 2200 µF, 10 V; Ø 12.5 x 25 mm
Curve 5: 4700 µF, 16 V; Ø 16 x 35 mm
Curve 6: 10 000 µF, 10 V; Ø 18 x 35 mm
Tamb = 20 °C
UR = 25 V and 35 V
Curve 1: 220 µF, 25 V; Ø 10 x 12 mm
Curve 2: 220 µF, 35 V; Ø 10 x 16 mm
Curve 3: 330 µF, 35 V; Ø 10 x 20 mm
Curve 4: 470 µF, 25 V; Ø 10 x 20 mm
Curve 5: 470 µF, 35 V; Ø 12.5 x 20 mm
Curve 6: 1000 µF, 25 V; Ø 12.5 x 25 mm
Curve 7: 1200 µF, 35 V; Ø 16 x 25 mm
Curve 8: 2200 µF, 35 V; Ø 16 x 35 mm
Curve 9: 3300 µF, 25 V; Ø 16 x 35 mm
Tamb = 20 °C
Tamb = 20 °C
UR = 50 V
Curve 1: 100 µF, 50 V; Ø 10 x 12 mm
Curve 2: 470 µF, 50 V; Ø 12.5 x 25 mm
Curve 3: 680 µF, 50 V; Ø 16 x 20 mm
Curve 4: 1000 µF, 50 V; Ø 16 x 31 mm
Curve 5: 2200 µF, 50 V; Ø 18 x 35 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com