Electronic Components Datasheet Search
  English  ▼

X  

139CLL Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 139CLL
Description  Aluminum Electrolytic Capacitors SMD (Chip) Long Life
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

139CLL Datasheet(HTML) 7 Page - Vishay Siliconix

  139CLL Datasheet HTML 1Page - Vishay Siliconix 139CLL Datasheet HTML 2Page - Vishay Siliconix 139CLL Datasheet HTML 3Page - Vishay Siliconix 139CLL Datasheet HTML 4Page - Vishay Siliconix 139CLL Datasheet HTML 5Page - Vishay Siliconix 139CLL Datasheet HTML 6Page - Vishay Siliconix 139CLL Datasheet HTML 7Page - Vishay Siliconix 139CLL Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
139 CLL
www.vishay.com
Vishay BCcomponents
Not for New Designs
Revision: 29-Sep-16
7
Document Number: 28301
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Table 5
Statements about product lifetime are based on calculations and internal testing. They should only be interpreted as estimations. Also due to external factors, the
lifetime in the field application may deviate from the calculated lifetime. In general, nothing stated herein shall be construed as a guarantee of durability.
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY
(Hz)
IR MULTIPLIER
UR = 6.3 V TO 16 V
UR = 25 V TO 50 V
UR = 63 V TO 100 V
50
0.95
0.90
0.85
100
1.00
1.00
1.00
300
1.07
1.12
1.20
1000
1.12
1.20
1.30
3000
1.15
1.25
1.35
 10 000
1.20
1.30
1.40
TEST PROCEDURES AND REQUIREMENTS
TEST
PROCEDURE
(quick reference)
REQUIREMENTS
NAME OF TEST
REFERENCE
Mounting
IEC 60384-18,
subclause 4.3
Shall be performed prior to tests mentioned
below; reflow or (double-) wave soldering;
for maximum temperature load refer to
chapter “Mounting”
C/C: ± 5 %
tan
  spec. limit
IL5  spec. limit
Endurance
IEC 60384-18 /
CECC 32300,
subclause 4.15
Tamb = 105 °C; UR applied;
1000 h
UR  6.3 V C/C: +15 % / -30 %
UR  10 V C/C: ± 15 %
tan
  1.3 x spec. limit
Z
 2 x spec. limit
IL5  spec. limit
Useful life
CECC 30301,
subclause 1.8.1
Tamb = 105 °C; UR and IR applied;
2000 h
UR  6.3 V C/C: +45 % / -50 %
UR  10 V C/C: ± 45 %
tan
  3 x spec. limit
Z
 3 x spec. limit
IL5  spec. limit
no short or open circuit
total failure percentage:
 1 %
Shelf life
(storage at high
temperature)
IEC 60384-18 /
CECC 32300,
subclause 4.17
Tamb = 105 °C; no voltage applied;
500 h
after test: UR to be applied for 30 min, 
24 h to 48 h before measurement
For requirements
see “Endurance test” above



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com