Electronic Components Datasheet Search
  English  ▼

X  

152CME Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 152CME
Description  Aluminum Electrolytic Capacitors SMD (Chip), High Voltage
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

152CME Datasheet(HTML) 7 Page - Vishay Siliconix

  152CME Datasheet HTML 1Page - Vishay Siliconix 152CME Datasheet HTML 2Page - Vishay Siliconix 152CME Datasheet HTML 3Page - Vishay Siliconix 152CME Datasheet HTML 4Page - Vishay Siliconix 152CME Datasheet HTML 5Page - Vishay Siliconix 152CME Datasheet HTML 6Page - Vishay Siliconix 152CME Datasheet HTML 7Page - Vishay Siliconix 152CME Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
152 CME
www.vishay.com
Vishay BCcomponents
Revision: 05-Nov-2019
7
Document Number: 28459
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Table 9
Statements about product lifetime are based on calculations and internal testing. They should only be interpreted as estimations. Also due to external factors, the
lifetime in the field application may deviate from the calculated lifetime. In general, nothing stated herein shall be construed as a guarantee of durability.
TEST PROCEDURES AND REQUIREMENTS
TEST
PROCEDURE
(quick reference)
REQUIREMENTS
NAME OF TEST
REFERENCE
Mounting
IEC 60384-18,
subclause 4.3
Shall be performed prior to tests mentioned below;
reflow soldering;
for maximum temperature load
refer to chapter “Mounting”
C/C: ± 5 %
tan
  spec. limit
IL2  spec. limit
Endurance
IEC 60384-18 /
CECC 32300,
subclause 4.15
Tamb = 105 °C; UR applied;
for test duration see Table 7
UR  400 V; C/C: ± 20 %
tan
  2 x spec. limit
IL2  spec. limit
Useful life
CECC 30301,
subclause 1.8.1
Tamb = 105 °C; UR and IR applied;
for test duration see Table 7
C/C: ± 50 %
tan
  3 x spec. limit
IL2  spec. limit
no short or open circuit
total failure percentage:
1 %
Shelf life
(storage at high
temperature)
IEC 60384-18 /
CECC 32300,
subclause 4.17
Tamb = 105 °C; no voltage applied;
1000 h
after test: UR to be applied for 30 min,
24 h to 48 h before measurement
For requirements
see “Endurance test” above
Reverse voltage
IEC 60384-18 /
CECC 32300,
subclause 4.16
Tamb = 105 °C:
125 h at U = -1.0 V,
followed by 125 h at UR
C/C: ± 15 %
tan
  1.5 x spec. limit
IL2  spec. limit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com